Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 161 page
background image
RES PinReset
As the reset pin is shared with PB.3, the reset function must be selected using a configuration option.
Although the microcontroller has an internal RC reset function, if the VDD power supply rise time is
not fast enough or does not stabilise quickly at power-on, the internal reset function may be
incapable of providing proper reset operation. For this reason it is recommended that an external RC
network is connected to the RES pin, whose additional time delay will ensure that the RES pin
remains low for an extended period to allow the power supply to stabilise. During this time delay,
normal operation of the microcontroller will be inhibited. After the RES line reaches a certain
voltage value, the reset delay time tRSTD is invoked to provide an extra delay time after which the
microcontroller will begin normal operation. The abbreviation SST in the figures stands for System
Start-up Timer. For most applications a resistor connected between VDD and the RES pin and a
capacitor connected between VSS and the RES pin will provide a suitable external reset circuit. Any
wiring connected to the RES pin should be kept as short as possible to minimise any stray noise
interference. For applications that operate within an environment where more noise is present the
Enhanced Reset Circuit shown is recommended.
More information regarding external reset circuits is located in Application Note HA0075E on the
Holtek website.
Pulling the RES Pin low using external hardware will also execute a device reset. In this case, as in the
case of other resets, the Program Counter will reset to zero and program execution initiated from this
point.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
43
February9,2011
R E S
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D + t S S T
Note: tRSTD ispower-ondelay,typicaltime=100ms
RES ResetTimingChart
P B 3 / R E S
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
V D D
V S S
0 . 0 1 m F * *
V D D
1 N 4 1 4 8 *
3 0 0 W *
Note:
²*² Itisrecommendedthatthiscomponentisaddedforadded ESD protection
²**² It is recommended that this component is added in environments where power line noise
issignificant
External RES Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com