Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 94Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 95Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 96Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 97Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 98Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 99Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 100Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 101Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 161 page
background image
only be generated on the TPnB output pins. With the TnCCLR bit cleared to zero, the PWM period is
set using one of the eight values of the three CCRP bits, in multiples of 128. Now both CCRA and
CCRB registers can be used to setup different duty cycle values to provide dual PWM outputs on their
relative TPnA and TPnB pins.
The TnPWM1 and TnPWM0 bits determine the PWM alignment type, which can be either edge or
centre type. In edge alignment, the leading edge of the PWM signals will all be generated concurrently
when the counter is reset to zero. With all power currents switching on at the same time, this may give
rise to problems in higher power applications. In centre alignment the centre of the PWM active
signals will occur sequentially, thus reducing the level of simultaneous power switching currents.
Interrupt flags, one for each of the CCRA, CCRB and CCRP, will be generated when a compare match
occurs from either the Comparator A, Comparator B or Comparator P. The TnAOC and TnBOC bits in
the TMnC1 and TMnC2 register are used to select the required polarity of the PWM waveform while
the two TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits pairs are used to enable the PWM output or to
force the TM output pin to a fixed high or low level. The TnAPOL and TnBPOL bit are used to reverse
the polarity of the PWM output waveform.
· ETM, PWM Mode, Edge-aligned Mode, TnCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
128
256
384
512
640
768
896
1024
A Duty
CCRA
B Duty
CCRB
If fSYS = 16MHz, TM clock source select fSYS/4, CCRP = 100b, CCRA = 128 and CCRB = 256,
The TP1A PWM output frequency = (fSYS/4)/512=fSYS/2048 = 7.8125kHz, duty = 128/512 = 25%.
The TP1B_n PWM output frequency = (fSYS/4)/512=fSYS/2048 = 7.8125kHz, duty = 256/512 =
50%.
If the Duty value defined by CCRA or CCRB register is equal to or greater than the Period value,
then the PWM output duty is 100%.
· ETM, PWM Mode, Edge-aligned Mode, TnCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Period
1
2
3
511
512
1021
1022
1023
B Duty
CCRB
· ETM, PWM Mode, Center-aligned Mode, TnCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
256
512
768
1024
1280
1536
1792
2046
A Duty
(CCRA
´2)-1
B Duty
(CCRB
´2)-1
· ETM, PWM Mode, Center-aligned Mode, TnCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Period
2
4
6
1022
1024
2042
2044
2046
B Duty
(CCRB
´2)-1
HT68F13/HT68F14/HT68F15
Enhanced I/O Flash Type MCU
Rev. 1.10
98
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com