Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 161 page
background image
The inclusion of flexible I/O programming features, Time-Base functions along with many other
features ensure that the devices will find excellent use in applications such as electronic metering,
environmental monitoring, handheld instruments, household appliances, electronically controlled
tools, motor driving in addition to many others.
SelectionTable
Most features are common to all devices, the main feature distinguishing them are Memory capacity,
I/O count, TM features, stack capacity and package types. The following table summarises the main
features of each device.
PartNo.
VDD
Program
Memory
Data
Memory
I/O
Ext.
Int.
Timer
Module
Stack
Package
HT68F13
2.2V~
5.5V
1K
´14
64
´8
18
2
10-bitSTM
´1
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
HT68F14
2.2V~
5.5V
2K
´15
96
´8
22
2
10-bit CTM
´1
10-bitSTM
´1
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24SKDIP/SOP/SSOP
HT68F15
2.2V~
5.5V
4K
´15
128
´8
26
2
10-bit CTM
´1
10-bit ETM
´1
8
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24/28SKDIP/SOP/SSOP
Note:
As devices exist in more than one package format, the table reflects the situation for the package with the most
pins.
BlockDiagram
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
7
February9,2011
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E R C / H X T
O s c i l l a t o r
L I R C
O s c i l l a t o r
H I R C
O s c i l l a t o r
R A M
D a t a
M e m o r y
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t
T M 1
T M 0
F l a s h M e m o r y
P r o g r a m m i n g
C i r c u i t r y ( I C P )
F l a s h
P r o g r a m
M e m o r y
T i m e
B a s e
I / O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com