Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 58Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 59Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 161 page
background image
HT68F13/HT68F14/HT68F15
Enhanced I/O Flash Type MCU
Rev. 1.10
62
February 9, 2011
P C 0 / T P 1 A
P C 0 O u t p u t F u n c t i o n
T 1 A C P 0
0
1
C C R A O u t p u t
C C R A C a p t u r e I n p u t
1
0
T 1 A C P 0
P B 7 O u t p u t F u n c t i o n
0
1
P B 7
1
0
C C R B O u t p u t
C C R B C a p t u r e I n p u t
P A 6 / T C K 1
T C K I n p u t
1
0
T M 1
( E T M )
P B 7 / T P 1 B _ 2
T 1 B C P 2
T 1 B C P 2
P B 6 O u t p u t F u n c t i o n
0
1
P B 6
1
0
1
0
P B 6 / T P 1 B _ 1
T 1 B C P 1
T 1 B C P 1
P A 7 O u t p u t F u n c t i o n
0
1
P A 7
1
0
P A 7 / T P 1 B _ 0
T 1 B C P 0
1
0
T 1 B C P 0
T C K I n p u t
T M 0
( C T M )
P A 4 / T C K 0
P C 1 O u t p u t F u n c t i o n
0
1
P C 1
1
0
O u t p u t
P C 1 / T P 0 _ 1
T 0 C P 1
P A 5 O u t p u t F u n c t i o n
0
1
P A 5
1
0
P A 5 / T P 0 _ 0
T 0 C P 0
HT68F15 TM0 & TM1 Function Pin Control Block Diagram
Note:
1. The I/O register data bits shown are used for TM output inversion control.
2. In the Capture Input Mode, the TM pin control register must never enable more than one TM input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com