Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 161 page
background image
Interrupts
Interrupts are an important part of any microcontroller system. When an external event or an internal
function such as a Timer Module requires microcontroller attention, their corresponding interrupt will
enforce a temporary suspension of the main program allowing the microcontroller to direct attention to
their respective needs. The device contains several external interrupt and internal interrupts functions.
The external interrupts are generated by the action of the external INT0 and INT1 pins while the
internal interrupts are generated by various internal functions such as the TMs, Time Base, and LVD.
InterruptRegisters
Overall interrupt control, which basically means the setting of request flags when certain
microcontroller conditions occur and the setting of interrupt enable bits by the application program, is
controlled by a series of registers, located in the Special Purpose Data Memory, as shown in the
accompanying table. The number of registers depends upon the device chosen but fall into three
categories. The first is the INTC0~INTC1 registers which setup the primary interrupts, the second is
the MFI0~MFI1 registers which setup the Multi-function interrupts. Finally there is an INTEG register
to setup the external interrupt trigger edge type.
Each register contains a number of enable bits to enable or disable individual registers as well as
interrupt flags to indicate the presence of an interrupt request. The naming convention of these follows
a specific pattern. First is listed an abbreviated interrupt type, then the (optional) number of that
interrupt followed by either an
²E² for enable/ disable bit or ²F² for request flag.
Function
EnableBit
RequestFlag
Notes
Global
EMI
¾
¾
INTn Pin
INTnE
INTnF
n=0or1
Multi-function
MFnE
MFnF
n=0or1
TimeBase
TBE
TBF
¾
LVD
LVE
LVF
¾
TM
TnPE
TnPF
n=0or1
TnAE
TnAF
TnBE
TnBF
n=1
InterruptRegisterBitNamingConventions
Rev.1.10
107
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com