Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 115Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 116Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 161 page
background image
If an interrupt requires immediate servicing while the program is already in another interrupt service
routine, the EMI bit should be set after entering the routine, to allow interrupt nesting. If the stack is
full, the interrupt request will not be acknowledged, even if the related interrupt is enabled, until the
Stack Pointer is decremented. If immediate service is desired, the stack must be prevented from
becoming full. In case of simultaneous requests, the accompanying diagram shows the priority that is
applied. All of the interrupt request flags when set will wake-up the device if it is in SLEEP or IDLE
Mode, however to prevent a wake-up from occurring the corresponding flag should be set before the
device is in SLEEP or IDLE Mode.
Rev.1.10
113
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
INT0 Pin
INT1 Pin
INT0F
INT1F
INT0E
INT1E
EMI
04H
EMI
08H
TM1 P
T1PF
T1PE
EMI
0CH
TM1 A
T1AF
T1AE
EMI
10H
Time Base
TBF
TBE
EMI
18H
LVD
LVF
LVE
EMI
1CH
Interrupt
Name
Request
Flags
Enable
Bits
Master
Enable
Vector
EMI auto disabled in ISR
Low
xxE
Enable Bits
xxF
Request Flag, auto
reset in ISR
Legend
Priority
High
InterruptStructure
- HT68F13
INT0 Pin
INT1 Pin
INT0F
INT1F
INT0E
INT1E
EMI
04H
EMI
08H
M. Funct. 0
MF0F
MF0E
EMI
0CH
EMI
10H
Time Base
TBF
TBE
EMI
18H
LVD
LVF
LVE
EMI
1CH
Interrupt
Name
Request
Flags
Enable
Bits
Master
Enable
Vector
EMI auto disabled in ISR
Priority
High
Low
TM1 P
T1PF
T1PE
TM1 A
T1AF
T1AE
M. Funct. 1
MF1F
MF1E
TM0 P
T0PF
T0PE
TM0 A
T0AF
T0AE
Interrupts contained within
Multi-Function Interrupts
xxE
Enable Bits
xxF
Request Flag, auto reset in ISR
Legend
xxF
Request Flag, no auto reset in ISR
InterruptStructure
- HT68F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com