Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 133 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 133 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 132Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 133Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 134Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 135Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 136Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 137Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 161 page
background image
SBC A,[m]
SubtractDataMemoryfrom ACC withCarry
Description
The contents of the specified Data Memory and the complement of the carry flag are
subtracted from the Accumulator. The result is stored in the Accumulator. Note that if
the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result
ispositiveorzero,theCflagwillbesetto1.
Operation
ACC
¬ ACC - [m] - C
Affected flag(s)
OV,Z,AC,C
SBCM A,[m]
SubtractDataMemoryfrom ACC withCarryandresultinDataMemory
Description
The contents of the specified Data Memory and the complement of the carry flag are
subtracted from the Accumulator. The result is stored in the Data Memory. Note that if
the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result
ispositiveorzero,theCflagwillbesetto1.
Operation
[m]
¬ ACC - [m] - C
Affected flag(s)
OV,Z,AC,C
SDZ [m]
SkipifdecrementDataMemoryis0
Description
The contents of the specified Data Memory are first decremented by 1. If the result is 0
the following instruction is skipped. As this requires the insertion of a dummy instruc-
tion while the next instruction is fetched, it is a two cycle instruction. If the result is not 0
theprogramproceedswiththefollowinginstruction.
Operation
[m]
¬ [m] - 1
Skipif[m]=0
Affected flag(s)
None
SDZA [m]
SkipifdecrementDataMemoryiszerowithresultin ACC
Description
The contents of the specified Data Memory are first decremented by 1. If the result is 0,
the following instruction is skipped. The result is stored in the Accumulator but the spec-
ified Data Memory contents remain unchanged. As this requires the insertion of a
dummy instruction while the next instruction is fetched, it is a two cycle instruction. If
theresultisnot0,theprogramproceedswiththefollowinginstruction.
Operation
ACC
¬ [m] - 1
Skipif ACC =0
Affected flag(s)
None
SET [m]
SetDataMemory
Description
EachbitofthespecifiedDataMemoryissetto1.
Operation
[m]
¬ FFH
Affected flag(s)
None
SET [m].i
SetbitofDataMemory
Description
Bit i ofthespecifiedDataMemoryissetto1.
Operation
[m].i
¬ 1
Affected flag(s)
None
Rev.1.10
133
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com