Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 155 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 155 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 151Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 152Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 153Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 154Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 155Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 156Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 157Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 158Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 159Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 161 page
background image
SSOP 16S
Symbol
Description
Dimensionsinmm
A
ReelOuterDiameter
330.0
±1.0
B
ReelInnerDiameter
100.0
±1.5
C
SpindleHoleDiameter
13.0
+0.5/-0.2
D
KeySlitWidth
2.0
±0.5
T1
SpaceBetweenFlange
12.8
+0.3/-0.2
T2
ReelThickness
18.2
±0.2
SSOP 20S(150mil), SSOP 24S(150mil), SSOP 28S(150mil)
Symbol
Description
Dimensionsinmm
A
ReelOuterDiameter
330.0
±1.0
B
ReelInnerDiameter
100.0
±1.5
C
SpindleHoleDiameter
13.0
+0.5/-0.2
D
KeySlitWidth
2.0
±0.5
T1
SpaceBetweenFlange
16.8
+0.3/-0.2
T2
ReelThickness
22.2
±0.2
SSOP 48W
Symbol
Description
Dimensionsinmm
A
ReelOuterDiameter
330.0
±1.0
B
ReelInnerDiameter
100.0
±0.1
C
SpindleHoleDiameter
13.0
+0.5/-0.2
D
KeySlitWidth
2.0
±0.5
T1
SpaceBetweenFlange
32.2
+0.3/-0.2
T2
ReelThickness
38.2
±0.2
Rev.1.10
155
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com