Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 27Page - Analog Devices AD7280ABSTZ Datasheet HTML 28Page - Analog Devices AD7280ABSTZ Datasheet HTML 29Page - Analog Devices AD7280ABSTZ Datasheet HTML 30Page - Analog Devices AD7280ABSTZ Datasheet HTML 31Page - Analog Devices AD7280ABSTZ Datasheet HTML 32Page - Analog Devices AD7280ABSTZ Datasheet HTML 33Page - Analog Devices AD7280ABSTZ Datasheet HTML 34Page - Analog Devices AD7280ABSTZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
AD7280A
Rev. 0 | Page 31 of 48
PD TIMER REGISTER
The PD timer register allows the user to configure a set time
after which the AD7280A is automatically powered down. The
AD7280A allows the user to set the PD timer to a value from
0 minutes to 36.9 minutes. The resolution of the PD timer is
71.5 sec. When using the PD timer in conjunction with the CBx
timers, the value programmed to the PD timer should exceed
that programmed to the CBx timer by at least 71.5 sec because
the PD timer takes priority over the CBx timers. The default
value of the PD timer register on power-up is 0x00.
Table 17. PD Timer Register Settings
Bits
Description
[D7:D3]
5-bit binary code to set the PD timer to a value
from 0 minutes to 36.9 minutes
[D2:D0]
Reserved; set to 000
READ REGISTER
The read register, in conjunction with Bits[D13:D12] and
Bit D0 of the control register, defines the read operations of the
AD7280A. To read back a single register from either a single
AD7280A or from a chain of AD7280A devices, the desired
register address should first be written to the read register. To
read back a series of conversion results from either a single
AD7280A or from a chain of AD7280A devices, an address of
0x00 should be written to the read register. The default value of
the read register on power-up is 0x00.
Table 18. Read Register Settings
Bits
Description
[D7:D2]
6-bit binary address for the register to be read
[D1:D0]
Reserved; set to 00
CNVST CONTROL REGISTER
The CNVST control register allows the user to gate the input
signal from the CNVST pin.
Bit D0 of the CNVST control register allows the user to hold the
internal CNVST signal high regardless of any external noise or
glitches on the CNVST pin. This setting can be used in noisy
environments to prevent incorrect initiation of conversions.
When using the rising edge of CS to perform a software convert
start, it is recommended that the CNVST pin be gated out by
setting Bit D0 high (see the
section).
Conversion Start Format
Bit D1 of the CNVST control register allows the user to open a
window in the CNVST gate that allows a single CNVST pulse
through. The window is closed automatically following a falling
edge on the CNVST pin. To use this functionality, the user
should write 10 to Bits[D1:D0] of the CNVST control register
immediately before each conversion start request.
The default value of the CNVST control register on power-up
is 0x00.
Table 19. CNVST Control Register Settings
Bits
[D7:D2]
Bit
D1
Bit
D0
Description
000000
0
0
CNVST input not gated (default).
000000
X
1
CNVST input gated.
000000
1
0
Allow single CNVST pulse.
Additional CNVST pulses are gated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com