Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 37Page - Analog Devices AD7280ABSTZ Datasheet HTML 38Page - Analog Devices AD7280ABSTZ Datasheet HTML 39Page - Analog Devices AD7280ABSTZ Datasheet HTML 40Page - Analog Devices AD7280ABSTZ Datasheet HTML 41Page - Analog Devices AD7280ABSTZ Datasheet HTML 42Page - Analog Devices AD7280ABSTZ Datasheet HTML 43Page - Analog Devices AD7280ABSTZ Datasheet HTML 44Page - Analog Devices AD7280ABSTZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD7280A
Rev. 0 | Page 41 of 48
Example 4: Convert and Read a Single Voltage
or Auxiliary ADC Input Result from One Part
In this example, it is assumed that all AD7280As in the daisy
chain have been initialized to their correct device addresses.
1.
The register address corresponding to the voltage or
auxiliary ADC input result to be read should be written to
the read register of the part to be read (see Table 13 for
register addresses). In this example, the Cell Voltage 6
register result is read from Device 3 in the stack. The 32-bit
write command is 0xC382865A (see Table 26, Write 1).
2.
Set Bits[D13:D12] of the control register to 1 on all parts.
This setting turns off the read operation on all parts. The
32-bit write command is 0x01B617EA (see Table 26,
Write 2).
3.
Set Bits[D13:D12] of the control register of the part to be
read from such that the required voltage is read back. With
the exception of a self-test conversion, it is not possible to
convert on a single channel; six, nine, or 12 conversions must
be completed. This example reads a voltage conversion from
Device 3 in the stack; therefore, Bit D14 and Bit D12 of the
control register should be set to 0, and Bit D15 and Bit D13
should be set to 1 on Device 3. The 32-bit write command
is 0xC1B400FA (see Table 26, Write 3).
4.
Program the CNVST control register to 0x02 on Device 3
to allow conversions to be initiated using the CNVST pin
on that part. The 32-bit write command is 0xC3A0417A
(see
, Write 4).
Table 26
5.
Initiate conversions through the falling edge of CNVST.
6.
Allow sufficient time for all conversions to be completed
plus tWAIT.
7.
Program the CNVST control register to gate the CNVST
signal on all parts. The 32-bit write command is
0x03A0340A (see
, Write 5). This write prevents
unintentional conversions from being initiated by noise or
glitches on the
Table 26
CNVST pin. This write also updates the on-
chip output registers of all devices in the daisy chain.
8.
Apply a CS low pulse that frames 32 SCLKs to read back
the desired voltage or auxiliary ADC result. This frame
should simultaneously write the 32-bit command
0xF800030A, as described in the
section
(see
, Write 6).
Serial Interface
Table 26
Note that when reading from a single device in a stack of
AD7280As, the SCLK frequency must be lower than 1 MHz
to read back the register data from parts higher in the chain
than the master device.
Table 26. Example 4: Converting and Reading a Single Voltage or Auxiliary ADC Result from One AD7280A Device
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
11000
011100
00010100
0
0
11001011
010
0xC382865A
Write 2
00000
001101
10110000
1
0
11111101
010
0x01B617EA
Write 3
11000
001101
10100000
0
0
00011111
010
0xC1B400FA
Write 4
11000
011101
00000010
0
0
10000111
010
0xC3A0417A
Write 5
00000
011101
00000001
1
0
10000001
010
0x03A0340A
Write 6
11111
000000
00000000
0
0
01100001
010
0xF800030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com