Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 20Page - Analog Devices AD7280ABSTZ Datasheet HTML 21Page - Analog Devices AD7280ABSTZ Datasheet HTML 22Page - Analog Devices AD7280ABSTZ Datasheet HTML 23Page - Analog Devices AD7280ABSTZ Datasheet HTML 24Page - Analog Devices AD7280ABSTZ Datasheet HTML 25Page - Analog Devices AD7280ABSTZ Datasheet HTML 26Page - Analog Devices AD7280ABSTZ Datasheet HTML 27Page - Analog Devices AD7280ABSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD7280A
Rev. 0 | Page 24 of 48
POWER-DOWN
The AD7280A provides two power-down options.
•
Full power-down (hardware)
•
Software power-down
Full Power-Down (Hardware)
The AD7280A can be placed into full power-down mode, which
requires only 5 μA maximum current, by taking the PD pin low.
The falling edge of the PD pin powers down all analog and
digital circuitry.
The AD7280A includes a digital delay filter on the PD pin,
which protects against a power-down being initiated by noise
or glitches on the hardware PD pin. A hardware power-down
is not initiated until the PD pin is held low for approximately
130 μs. Similarly, the AD7280A is not taken out of power-down
mode until the PD pin is held high for approximately 130 μs.
The digital delay filter does not apply on initial power-up. The
power-on request is accepted by the AD7280A approximately
5 μs after the rising edge of PD.
When placing the AD7280A into full power-down mode, AVCC
and DVCC must fall to 0 V and must not be held high by any
external means. AVCC and DVCC can be held high unintention-
ally if the auxiliary ADC inputs are greater than the forward
bias on the internal ESD protection diodes. For this reason, it
is recommended that the auxiliary ADC inputs return to 0 V
when the part is placed in full power-down mode.
In addition, all digital inputs on the AD7280A master device
must return to 0 V when the part is placed in full power-down
mode (see Figure 37). However, if an external VDRIVE supply is
used—that is, VDRIVE is not connected to VREG—then only the
CNVST line must return low (see
).
Figure 38
When the AD7280A is placed into full power-down mode, the
device must be left in full power-down for a minimum of 2 ms
when the VREG and VREF pins are decoupled with 1 μF capacitors.
This ensures that the charge on the VREG and VREF decoupling
capacitors dissipates sufficiently to allow the internal power-on
reset circuit to activate when powering the AD7280A back up.
This time is measured from the falling edge of the PD pin.
shows a plot of the voltage on the VREG and VREF pins
as the AD7280A is powering down with 1 μF decoupling
capacitors on the pins.
shows a similar plot but with
10 μF decoupling capacitors on the VREG and VREF pins.
Figure 18
Figure 20
VSS
AD7280A
VREG
0.1µF
10µF
1µF
0.1µF
0.1µF
VDD
VDD
DVCC
AVCC
1µF
0.1µF
VREF
CREF
ALERT
SDO
SCLK
SDI
VDRIVE
MASTER
AUX6
AUXTERM
AUX5
AUX4
AUX3
AUX2
AUX1
10kΩ
MUST GO TO 0V IN
HARDWARE POWER-DOWN
MUST GO TO 0V
IN HARDWARE
POWER-DOWN
CS
PD
CNVST
DSP/MICRO-
PROCESSOR
Figure 37. VDRIVE Powered from VREG
VSS
AD7280A
VREG
0.1µF
10µF
1µF
0.1µF
0.1µF
VDD
VDD
10µF
0.1µF
DVCC
AVCC
1µF
0.1µF
VREF
CREF
ALERT
SDO
SCLK
SDI
VDRIVE
MASTER
AUX6
AUXTERM
AUX5
AUX4
AUX3
AUX2
AUX1
10kΩ
MUST GO TO 0V IN
HARDWARE POWER-DOWN
MUST GO TO 0V
IN HARDWARE
POWER-DOWN
CS
PD
CNVST
DSP/MICRO-
PROCESSOR
2.7V TO 5.5V SUPPLY
Figure 38. VDRIVE Powered from DSP/Microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com