Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 36Page - Analog Devices AD7280ABSTZ Datasheet HTML 37Page - Analog Devices AD7280ABSTZ Datasheet HTML 38Page - Analog Devices AD7280ABSTZ Datasheet HTML 39Page - Analog Devices AD7280ABSTZ Datasheet HTML 40Page - Analog Devices AD7280ABSTZ Datasheet HTML 41Page - Analog Devices AD7280ABSTZ Datasheet HTML 42Page - Analog Devices AD7280ABSTZ Datasheet HTML 43Page - Analog Devices AD7280ABSTZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD7280A
Rev. 0 | Page 40 of 48
Example 3: Convert and Read All Parts, All Voltages,
and Three Auxiliary ADC Inputs per Part
In this example, it is assumed that all AD7280As in the daisy
chain have been initialized to their correct device addresses.
1.
Write Register Address 0x00 to the read register on all
parts. A device address of 0x00 is used when computing
the CRC for commands to write to all parts. The 32-bit
write command is 0x038011CA (see Table 25, Write 1).
Note that 0x00 is the default value of the read register on
power-up and after a software reset; therefore, this write
operation may not be necessary.
2.
Set Bit D15 and Bit D13 of the control register to 0 on all
parts. Set Bit D14 and Bit D12 of the control register to 1
on all parts. The 32-bit write command is 0x01AA1062
(see Table 25, Write 2).
3.
Program the CNVST control register to 0x02 on all parts
to allow conversions to be initiated using the CNVST pin.
The 32-bit write command is 0x03A0546A (see
,
Write 3).
Table 25
4.
Initiate conversions through the falling edge of CNVST.
5.
Allow sufficient time for all conversions to be completed
plus tWAIT. Following the completion of all conversions,
apply a CS low pulse that frames 32 SCLKs for each conver-
sion result to be read back. The 32-bit write command is
0xF800030A, as described in the
section
(see
, Write 4).
Serial Interface
Table 25
Table 25. Example 3: Converting and Reading All Voltages and Three Auxiliary ADC Inputs from All AD7280A Devices
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
011100
00000000
1
0
00111001
010
0x038011CA
Write 2
00000
001101
01010000
1
0
00001100
010
0x01AA1062
Write 3
00000
011101
00000010
1
0
10000101
010
0x03A0546A
Write 4
11111
000000
00000000
0
0
01100001
010
0xF800030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com