Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 39Page - Analog Devices AD7280ABSTZ Datasheet HTML 40Page - Analog Devices AD7280ABSTZ Datasheet HTML 41Page - Analog Devices AD7280ABSTZ Datasheet HTML 42Page - Analog Devices AD7280ABSTZ Datasheet HTML 43Page - Analog Devices AD7280ABSTZ Datasheet HTML 44Page - Analog Devices AD7280ABSTZ Datasheet HTML 45Page - Analog Devices AD7280ABSTZ Datasheet HTML 46Page - Analog Devices AD7280ABSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD7280A
Rev. 0 | Page 43 of 48
Example 7: Self-Test Conversion on All Parts
Example 7 shows a self-test conversion routine for all parts in a
daisy chain.
1.
To select the self-test conversion, set Bits[D15:D14] of the
control register to 1, and set Bits[D13:D12] of the control
register to 0 on all parts. The 32-bit write command is
0x01B81092 (see Table 29, Write 1).
2.
Set Bit D0 of the control register to 1 on all parts. This
setting enables the daisy-chain register read operation on
all parts. The 32-bit write command is 0x01C2B6E2 (see
Table 29, Write 2).
3.
The register address corresponding to the self-test
conversion should be written to the read register of all
parts (see Table 13 for register addresses). The 32-bit write
command is 0x038617CA (see Table 29, Write 3).
4.
Program the CNVST control register to 0x02 on all parts
to allow conversions to be initiated using the CNVST pin.
The 32-bit write command is 0x03A0546A (see
,
Write 4).
Table 29
5.
Initiate conversions through the falling edge of CNVST.
6.
Allow sufficient time for the self-test conversions to be
completed plus tWAIT.
7.
The CNVST control register should be programmed to
gate the CNVST signal on all parts. The 32-bit write
command is 0x03A0340A (see
, Write 5). This
write prevents unintentional conversions from being
initiated by noise or glitches on the
Table 29
CNVST pin. This write
also updates the on-chip output registers of all devices in
the daisy chain.
8.
Apply a CS low pulse that frames 32 SCLKs to read back
the desired voltage. This frame should simultaneously
write the 32-bit command 0xF800030A, as described in
the
section (see
, Write 6).
Serial Interface
Table 29
Example 8: Software Reset on All Parts
Example 8 shows a software reset routine for all parts in a
daisy chain.
1.
Set Bit D7 of the control register to 1 on all parts to place
the AD7280A into software reset. The 32-bit write command
is 0x01D2B412 (see Table 30, Write 1).
2.
Set Bit D7 of the control register to 0 on all parts to take the
AD7280A out of software reset. The 32-bit write command
is 0x01C2B6E2 (see Table 30, Write 2).
Table 29. Example 7: Self-Test Conversion on All AD7280A Devices
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
001101
11000000
1
0
00010010
010
0x01B81092
Write 2
00000
001110
00010101
1
0
11011100
010
0x01C2B6E2
Write 3
00000
011100
00110000
1
0
11111001
010
0x038617CA
Write 4
00000
011101
00000010
1
0
10000101
010
0x03A0546A
Write 5
00000
011101
00000001
1
0
10000001
010
0x03A0340A
Write 6
11111
000000
00000000
0
0
01100001
010
0xF800030A
Table 30. Example 8: Software Reset for All AD7280A Devices
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
001110
10010101
1
0
10000010
010
0x01D2B412
Write 2
00000
001110
00010101
1
0
11011100
010
0x01C2B6E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com