Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 6Page - Analog Devices AD7280ABSTZ Datasheet HTML 7Page - Analog Devices AD7280ABSTZ Datasheet HTML 8Page - Analog Devices AD7280ABSTZ Datasheet HTML 9Page - Analog Devices AD7280ABSTZ Datasheet HTML 10Page - Analog Devices AD7280ABSTZ Datasheet HTML 11Page - Analog Devices AD7280ABSTZ Datasheet HTML 12Page - Analog Devices AD7280ABSTZ Datasheet HTML 13Page - Analog Devices AD7280ABSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD7280A
Rev. 0 | Page 10 of 48
Pin No.
Mnemonic
Description
43
SDIhi
Serial Data Input in Daisy-Chain Mode. The data from each AD7280A in the daisy chain is passed through the
SDOlo output and the SDIhi input of each AD7280A in the chain and is supplied to the DSP/microprocessor
through the SDO output of the master AD7280A. This input should be connected to the SDOlo output of the
AD7280A immediately above it in potential in the daisy chain. The AD7280A at the highest potential in the
stack does not require a serial data input in daisy-chain mode; in this case, the pin should be connected to
VDD through a 1 kΩ resistor.
44
CNVSThi
Conversion Start Output in Daisy-Chain Mode. The convert start signal from the DSP/microprocessor supplied
to the CNVST input of the master AD7280A is passed through each AD7280A by means of the CNVST input
and the CNVSThi output. This output should be connected to the CNVST pin of the AD7280A immediately
above it in potential in the daisy chain. The AD7280A at the highest potential in the stack does not require
a daisy-chain conversion start output; in this case, the pin should be connected to VDD.
45
SDOhi
Serial Data Output in Daisy-Chain Mode. The serial data input from the DSP/microprocessor supplied to the
SDI input of the master AD7280A is passed through each AD7280A by means of the SDI input and the SDOhi
output. This output should be connected to the SDI input of the AD7280A immediately above it in potential
in the daisy chain. The AD7280A at the highest potential in the stack does not require a daisy-chain serial
data output; in this case, the pin should be connected to VDD.
46
SCLKhi
Serial Clock Output in Daisy-Chain Mode. The clock signal from the DSP/microprocessor supplied to the
SCLK input of the master AD7280A is passed through each AD7280A by means of the SCLK input and the
SCLKhi output. This output should be connected to the SCLK input of the AD7280A immediately above it in
potential in the daisy chain. The AD7280A at the highest potential in the stack does not require a daisy-chain
serial clock output; in this case, the pin should be connected to VDD.
47
CShi
Chip Select Output in Daisy-Chain Mode. The chip select signal from the DSP/microprocessor supplied to the
CS input of the master AD7280A is passed through each AD7280A by means of the CS input and the CShi
output. This output should be connected to the CS input of the AD7280A immediately above it in potential
in the daisy chain. The AD7280A at the highest potential in the stack does not require a daisy-chain chip
select output; in this case, the pin should be connected to VDD.
48
PDhi
Power-Down Output in Daisy-Chain Mode. The power-down signal from the DSP/microprocessor supplied
to the PD input of the master AD7280A is passed through each AD7280A by means of the PD input and the
PDhi output. This output should be connected to the PD input of the AD7280A immediately above it in
potential in the daisy chain. The AD7280A at the highest potential in the stack does not require a daisy-chain
power-down output; in this case, the pin should be connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com