Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 15Page - Analog Devices AD7280ABSTZ Datasheet HTML 16Page - Analog Devices AD7280ABSTZ Datasheet HTML 17Page - Analog Devices AD7280ABSTZ Datasheet HTML 18Page - Analog Devices AD7280ABSTZ Datasheet HTML 19Page - Analog Devices AD7280ABSTZ Datasheet HTML 20Page - Analog Devices AD7280ABSTZ Datasheet HTML 21Page - Analog Devices AD7280ABSTZ Datasheet HTML 22Page - Analog Devices AD7280ABSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD7280A
Rev. 0 | Page 19 of 48
REFERENCE
The internal reference is temperature compensated to 2.5 V. The
reference is trimmed to provide a typical drift of ±3 ppm/°C. As
shown in Figure 30, the internal reference circuitry consists of a
1.2 V band gap reference and a reference buffer. The 2.5 V refer-
ence is available at the VREF pin. The VREF pin should be decoupled
to REFGND using a 1 μF or greater ceramic capacitor. The CREF
pin should be decoupled to REFGND using a 0.1 μF or greater
ceramic capacitor. The 2.5 V reference is capable of driving an
external load of up to 10 kΩ.
VREF
REFGND
CREF
AVCC
ADC SELF-TEST
VOLTAGE
BAND GAP
1.2V
Figure 30. AD7280A Internal Reference
CONVERTING CELL VOLTAGES AND AUXILIARY
ADC INPUTS
A conversion can be initiated on the AD7280A using either the
CNVST input or the serial interface (see the
section). A single conversion command initiates conver-
sions on all selected channels of the AD7280A. As described in
the
section, the voltage of each individual
battery cell is measured by converting the difference between
adjacent analog inputs. The first cell to be converted following a
convert start command is Cell 6, which is the difference between
VIN6 and VIN5. At the end of the first conversion, the AD7280A
generates an internal end-of-conversion (EOC) signal. This internal
EOC selects the next cell voltage inputs for measurement through
the multiplexer, that is, the difference between VIN5 and VIN4.
The new input is acquired, and a second internal convert start
signal is generated, which initiates the conversion. This process
is repeated until all the selected voltage and auxiliary ADC inputs
have been converted.
Conversion Start
Format
Converter Operation
The conversion sequence—that is, the order in which the cell
voltages and auxiliary ADC inputs are converted—is shown in
Figure 31 and Figure 32. The cell voltage inputs are converted in
reverse order, that is, Cell 6 is followed by Cell 5, and so on.
However, the auxiliary ADC inputs are converted in increasing
numerical order, that is, AUX1 is followed by AUX2, and so on.
For example, when all 12 inputs are selected for conversion, the
conversion of Cell 1, that is, VIN1 to VIN0, is followed by the
conversion of the AUX1 input.
When all selected conversions are completed, the VIN6 and VIN5
voltage inputs are again selected through the multiplexer, and
the voltage across Cell 6 is acquired in preparation for the next
conversion request. This is the default state for the multiplexer.
Bits[D15:D14] of the control register select the cell voltage and
auxiliary ADC inputs to be converted. There are four options
available (see Table 8).
Table 8. Cell Voltage and Auxiliary ADC Input Selection
Bits[D15:D14]
Voltage Inputs
Auxiliary ADC Inputs
00
6 to 1
1 to 6
01
6 to 1
1, 3, and 5
10
6 to 1
None
11
ADC self-test
None
Each voltage and auxiliary ADC input conversion requires a
minimum of 1 μs to acquire and convert the cell voltage or
auxiliary ADC input voltage. For example, when Bits[D15:D14]
are set to 00, the falling edge of CNVST triggers a series of 12
conversions. This requires a minimum of 12 μs to convert all
selected measurements on a single AD7280A. If no auxiliary
ADC input conversions are required, Bits[D15:D14] are set to
10. In this case, the conversion request triggers a series of six
conversions, requiring a minimum of 6 μs.
t1
tCONV
tCONV
tACQ
VOLT 6
VOLT 5
VOLT 4
AUX6
INTERNAL ADC
CONVERSIONS
CNVST
Figure 31. ADC Conversions on the AD7280A
t1
tQUIET
tWAIT
INTERNAL ADC
CONVERSIONS
SERIAL READ
OPERATION
CNVST
VOLT
6
VOLT
4
VOLT
5
VOLT
6
AUX6
VOLT
5
DATA READBACK — ALL DEVICES
CONVERSION WINDOW
Figure 32. ADC Conversions and Readback on the AD7280A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com