Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 7Page - Analog Devices AD7280ABSTZ Datasheet HTML 8Page - Analog Devices AD7280ABSTZ Datasheet HTML 9Page - Analog Devices AD7280ABSTZ Datasheet HTML 10Page - Analog Devices AD7280ABSTZ Datasheet HTML 11Page - Analog Devices AD7280ABSTZ Datasheet HTML 12Page - Analog Devices AD7280ABSTZ Datasheet HTML 13Page - Analog Devices AD7280ABSTZ Datasheet HTML 14Page - Analog Devices AD7280ABSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AD7280A
Rev. 0 | Page 11 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
5.5
4.9
5.0
5.1
5.2
5.3
5.4
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 8V
VDD = 10V
VDD = 22.5V
VDD = 29.9V
8
1
2
4
3
5
6
7
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
SLAVE CURRENTS
MASTER CURRENTS
MASTER, VDD = 8V
MASTER, VDD = 10V
MASTER, VDD = 29.9V
SLAVE, VDD = 8V
SLAVE, VDD = 10V
SLAVE, VDD = 29.9V
Figure 4. VREG vs. Temperature for Different Supply Voltages,
VREG Connected to AVCC and DVCC
Figure 7. IDD During Cell Balancing vs. Temperature
for Different Supply Voltages
5.5
4.9
5.0
5.1
5.2
5.3
5.4
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 8V
VDD = 10V
VDD = 22.5V
VDD = 29.9V
8
1
2
4
3
5
6
7
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
SLAVE CURRENTS
MASTER CURRENTS
MASTER, VDD = 8V
MASTER, VDD = 10V
MASTER, VDD = 29.9V
SLAVE, VDD = 8V
SLAVE, VDD = 10V
SLAVE, VDD = 29.9V
Figure 5. VREG vs. Temperature for Different Supply Voltages,
VREG Connected to AVCC and DVCC, 5 mA External Load
Figure 8. IDD During Software Power-Down vs. Temperature
for Different Supply Voltages
8
1
2
4
3
5
6
7
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
SLAVE CURRENTS
MASTER CURRENTS
MASTER, VDD = 8V
MASTER, VDD = 10V
MASTER, VDD = 29.9V
SLAVE, VDD = 8V
SLAVE, VDD = 10V
SLAVE, VDD = 29.9V
10,000
8000
6000
4000
2000
0
2668
2667
2666
2665
2664
9149
2663
2662
386
460
5
2661
2660
CODE
Figure 6. IDD During Conversion vs. Temperature
for Different Supply Voltages
Figure 9. Histogram of Codes for 10,000 Samples,
Odd Cell Voltage Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com