Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 11Page - Analog Devices AD7280ABSTZ Datasheet HTML 12Page - Analog Devices AD7280ABSTZ Datasheet HTML 13Page - Analog Devices AD7280ABSTZ Datasheet HTML 14Page - Analog Devices AD7280ABSTZ Datasheet HTML 15Page - Analog Devices AD7280ABSTZ Datasheet HTML 16Page - Analog Devices AD7280ABSTZ Datasheet HTML 17Page - Analog Devices AD7280ABSTZ Datasheet HTML 18Page - Analog Devices AD7280ABSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
AD7280A
Rev. 0 | Page 15 of 48
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7280A is a lithium ion (Li-Ion) battery monitoring chip
that can monitor the voltage and temperature of four, five, or six
series-connected Li-Ion battery cells. The AD7280A also provides
an interface that can be used to control external transistors for
cell balancing.
The VDD and VSS supplies required by the AD7280A should
be taken from battery cells being monitored by the part. An
internal VREG rail is generated to provide power for the ADC
and the internal interface circuitry. This VREG voltage is available
on an output pin for use external to the AD7280A.
The AD7280A consists of a high voltage input multiplexer, a low
voltage input multiplexer, and a SAR ADC. The high voltage
multiplexer allows four, five, or six series-connected Li-Ion
battery cells to be measured. The low voltage multiplexer provides
the user with six single-ended ADC inputs that can be used in
combination with external thermistors to measure the tempera-
ture of each battery cell. The auxiliary ADC inputs can also be
used for external diagnostics in the application. Initiating conver-
sions on all 12 channels, that is, the six cell voltage channels and
the six auxiliary ADC channels, requires only a single CNVST
pulse. Alternatively, the conversion can be initiated through the
rising edge of CS. Each conversion result is stored in an individual
result register (see
).
Table 13
Each individual cell voltage and auxiliary ADC measurement
requires a minimum of 1 μs to acquire and complete a conver-
sion. Depending on the external components connected to the
analog inputs of the AD7280A, additional acquisition time may
be required. A higher acquisition time can be selected through
the control register. The AD7280A also provides a conversion
averaging option that can be selected through the control register.
This option allows the user to complete two, four, or eight averages
on each cell voltage and auxiliary ADC measurement. The aver-
aged conversion results are stored in the result registers. On
power-up, the default combined acquisition and conversion
time is 1 μs, with the averaging register set to 0, that is, a single
conversion per channel.
The results of the cell voltage and auxiliary ADC conversions
are read back via the 4-wire serial peripheral interface (SPI).
The SPI is also used to write to and read from the internal
registers.
The AD7280A features an alert function that can be triggered if
the voltage conversion results or the auxiliary ADC conversion
results exceed the maximum and minimum voltage thresholds
selected by the user. The alert modes and threshold levels are
selected by writing to internal registers.
The AD7280A provides six analog output voltages that can be
used to control external transistors as part of a cell balancing
circuit. Each cell balance output provides a 0 V or 5 V voltage,
with respect to the potential on the base of each individual cell,
that can be applied to the gate of the external cell balancing
transistors.
The AD7280A features a daisy-chain interface. Individual
AD7280A devices can monitor the cell voltages and tempera-
tures of six cells. A chain of AD7280As can be used to monitor
the cell voltages and temperatures of a larger number of cells. The
conversion data from each AD7280A in the chain passes to the
system controller via a single SPI interface. Control data can
similarly be passed via the SPI up the chain to each individual
AD7280A.
The AD7280A includes an on-chip 2.5 V reference. The
reference voltage is available for use external to the AD7280A.
The AD7280A also has a VDRIVE feature to control the voltage at
which the serial interface operates. VDRIVE allows the ADC to
easily interface to both 3 V and 5 V processors. For example, in
the recommended configuration, the AD7280A is operated with
a supply of 5 V; however, the VDRIVE pin can be powered from
a 3 V supply, allowing a large dynamic range with low voltage
digital processors.
CONVERTER OPERATION
The conversion paths of the AD7280A consist of a high voltage
input multiplexer or a low voltage input multiplexer and a SAR
ADC. The high voltage multiplexer selects the pair of analog
inputs, VIN0 to VIN6, that is to be converted. The voltage of
each individual cell is measured by converting the difference
between adjacent analog inputs, that is, VIN1 − VIN0, VIN2 −
VIN1, and so on (see Figure 22 and Figure 23). The low voltage
multiplexer selects the auxiliary ADC input, AUX1 to AUX6,
that is to be converted. The conversion results for each cell
voltage and auxiliary ADC input can be accessed tWAIT after
the programmed conversion sequence is completed.
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0
ADC VIN+
ADC VIN–
Figure 22. Mux Configuration During VIN1 to VIN0 Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com