Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD7280ABSTZ Datasheet HTML 1Page - Analog Devices AD7280ABSTZ Datasheet HTML 2Page - Analog Devices AD7280ABSTZ Datasheet HTML 3Page - Analog Devices AD7280ABSTZ Datasheet HTML 4Page - Analog Devices AD7280ABSTZ Datasheet HTML 5Page - Analog Devices AD7280ABSTZ Datasheet HTML 6Page - Analog Devices AD7280ABSTZ Datasheet HTML 7Page - Analog Devices AD7280ABSTZ Datasheet HTML 8Page - Analog Devices AD7280ABSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD7280A
Rev. 0 | Page 5 of 48
POWER SPECIFICATIONS
VDD = 8 V to 30 V, VSS = 0 V, DVCC = AVCC = VREG, VDRIVE = 2.7 V to 5.5 V, TA = −40°C to +105°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
8
30
V
Master Device
IDD During Conversion
5.6
7.3
mA
IDD During Data Readback
5.3
7.0
mA
IDD During Cell Balancing
5.1
6.8
mA
IDD Software Power-Down
2.5
2.9
mA
IDD Full Power-Down Mode
1.8
5
μA
Slave Device
IDD During Conversion
6.9
8.7
mA
IDD During Data Readback
6.5
8.2
mA
IDD During Cell Balancing
6.4
8.0
mA
IDD Software Power-Down
3.8
4.2
mA
IDD Full Power-Down Mode
1.8
5
μA
POWER DISSIPATION
Master Device
VDD = 30 V
During Conversion
170
220
mW
During Data Readback
160
210
mW
During Cell Balancing
155
205
mW
Software Power-Down
75
90
mW
Full Power-Down Mode
54
150
μW
Slave Device
VDD = 30 V
During Conversion
210
265
mW
During Data Readback
195
250
mW
During Cell Balancing
192
240
mW
Software Power-Down
115
130
mW
Full Power-Down Mode
54
150
μW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com