Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 38Page - Analog Devices AD7280ABSTZ Datasheet HTML 39Page - Analog Devices AD7280ABSTZ Datasheet HTML 40Page - Analog Devices AD7280ABSTZ Datasheet HTML 41Page - Analog Devices AD7280ABSTZ Datasheet HTML 42Page - Analog Devices AD7280ABSTZ Datasheet HTML 43Page - Analog Devices AD7280ABSTZ Datasheet HTML 44Page - Analog Devices AD7280ABSTZ Datasheet HTML 45Page - Analog Devices AD7280ABSTZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
AD7280A
Rev. 0 | Page 42 of 48
Example 5: Read a Single Configuration Register
on All Parts
In this example, it is assumed that all AD7280As in the daisy
chain have been initialized to their correct device addresses.
1.
Set Bit D0 of the control register to 1 on all parts. This write
enables the daisy-chain register read operation on all parts.
The 32-bit write command is 0x01C2B6E2 (see Table 27,
Write 1).
2.
The register address corresponding to the configuration
register to be read should be written to the read register on
all parts (see Table 13 for register addresses). In this example,
the cell balance register is read from all parts. The 32-bit
write command is 0x038A12B2 (see Table 27, Write 2).
3.
Apply a CS low pulse that frames 32 SCLKs for each device
in the stack to read back the desired register contents from
all parts. This frame should simultaneously write the 32-bit
command 0xF800030A, as described in the
section (see
, Write 3).
Serial Interface
Table 27
Example 6: Read a Single Configuration Register
from One Part
In this example, it is assumed that all AD7280As in the daisy
chain have been initialized to their correct device addresses.
1.
Set Bits[D13:D12] of the control register to 1 on all parts.
This setting turns off the read operation on all parts. The
32-bit write command is 0x01A6151A (see Table 28, Write 1).
2.
Set Bits[D13:D12] of the control register of the part to be
read from to 0. In this example, Device 1 in the stack is to
be read from. The 32-bit write command is 0x81A00222
(see Table 28, Write 2).
3.
The register address corresponding to the configuration
register to be read should be written to the read register of
the part that is to be read (see Table 13 for register
addresses). This example reads the alert register from
Device 1 in the stack. The 32-bit write command is
0x8389800A (see Table 28, Write 3).
4.
Apply a CS low pulse that frames 32 SCLKs to read back
the desired register contents. This frame should simultan-
eously write the 32-bit command 0xF800030A, as
described in the
section (see
,
Write 4). When reading from a single device in a stack of
AD7280As, the SCLK frequency must be lower than
1 MHz to read back the register data from parts higher in
the chain than the master device.
Serial Interface
Table 28
Table 27. Example 5: Reading a Single Configuration Register from All AD7280A Devices
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
001110
00010101
1
0
11011100
010
0x01C2B6E2
Write 2
00000
011100
01010000
1
0
01010110
010
0x038A12B2
Write 3
11111
000000
00000000
0
0
01100001
010
0xF800030A
Table 28. Example 6: Reading a Single Configuration Register from One AD7280A Device
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
001101
00110000
1
0
10100011
010
0x01A6151A
Write 2
10000
001101
00000000
0
0
01000100
010
0x81A00222
Write 3
10000
011100
01001100
0
0
00000001
010
0x8389800A
Write 4
11111
000000
00000000
0
0
01100001
010
0xF800030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com