Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 25Page - Analog Devices AD7280ABSTZ Datasheet HTML 26Page - Analog Devices AD7280ABSTZ Datasheet HTML 27Page - Analog Devices AD7280ABSTZ Datasheet HTML 28Page - Analog Devices AD7280ABSTZ Datasheet HTML 29Page - Analog Devices AD7280ABSTZ Datasheet HTML 30Page - Analog Devices AD7280ABSTZ Datasheet HTML 31Page - Analog Devices AD7280ABSTZ Datasheet HTML 32Page - Analog Devices AD7280ABSTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD7280A
Rev. 0 | Page 29 of 48
Select Conversion Inputs
Bits[D15:D14] of the control register determine which cell
voltages and auxiliary ADC inputs are converted following a
convert start command. The default value of D15 and D14 on
power-up is 00.
Read Conversion Results
Bits[D13:D12] of the control register determine which cell
voltage and auxiliary ADC conversion results are supplied to
the serial or daisy-chain data output pins for readback. The
default value of D13 and D12 on power-up is 00.
Conversion Start Format
A conversion on the AD7280A can be initiated through the
hardware CNVST pin or by issuing a software convert start
command. Bit D11 of the control register determines whether a
conversion is initiated on the falling edge of the CNVST input
or on the rising edge of the CS input. The default format on
power-up is the CNVST pin, that is, 0. When using the rising
edge of the CS input to initiate conversions, Bit D11 is reset to
0 following the initiation of conversions.
Conversion Averaging
Bits[D10:D9] of the control register determine the number of
conversions completed on each input with the averaged results
stored in the relevant result registers. The user can select a single
conversion only or the average of two, four, or eight conversions.
The default value of Bits[D10:D9] on power-up is 00, that is,
single conversion only.
Power-Down Format
Setting Bit D8 of the control register places the AD7280A into
software power-down. See the Power-Down section for more
information. The default value of Bit D8 on power-up is 0.
Software Reset
Bit D7 of the control register allows the user to initiate a software
reset of the AD7280A. Two write commands are required to
complete the reset operation. Bit D7 must be set high to put the
AD7280A into reset. Bit D7 must then be set low to take the
AD7280A out of reset. A software reset resets all user configurable
registers to their default values with the exception of the lower
byte of the control register (Address 0x0E). When executing a
software reset, care should be taken to ensure that Bits[D6:D0]
are not incorrectly overwritten.
Set Acquisition Time
Bits[D6:D5] of the control register determine the acquisition
time of the ADC. See the Acquisition Time section for more
information. The default value of the acquisition time is 400 ns,
that is, 00.
Thermistor Termination Resistor
Bit D3 of the control register should be set if the user wishes to
use a single thermistor termination resistor on the AUXTERM pin.
Note that, due to settling time requirements, the thermistor
termination resistor option should only be used when the acqui-
sition time of the AD7280A is set to its highest value, that is,
1.6 μs (set Bits[D6:D5] to 11). The default value of D3 is 0.
Lock Device Address
Bit D2 of the control register is used in conjunction with Bit D1
to allow individual device addresses for each AD7280A in the
daisy chain to be defined and locked to the part. Bit D1 is used
to generate the individual device addresses that are presented to
each AD7280A in the daisy chain in the form of a write command.
When Bit D2 is set high, the AD7280A locks to the device address
presented to it. This new device address is used for all subsequent
CRC calculations. When Bit D2 is set low, the device address of
the AD7280A is not locked. In this case, a device address of 0x00
is used for CRC calculations. The default value of D2 is 0.
Increment Device Address
Bit D1 of the control register determines whether the AD7280A
increments the device address that it receives as part of a write
command when transferring that command up the daisy chain.
When Bit D1 is set to 1, the device address is incremented as the
command is passed up the chain. This mode of operation is used
on initial power-up and when coming out of a hardware power-
down to allow individual device addresses for each AD7280A in
the daisy-chain stack to be defined. When D1 is set low, no change
is made to the device address as the command is passed up the
chain. The default value of D1 is 1.
Daisy-Chain Register Readback
Bit D0 of the control register enables the readback of individual
registers from each AD7280A in a daisy chain. When Bit D0 is
set high, the application of sufficient clocks allows the data stored
in the register address identified by the read register to be shifted
out of each AD7280A in turn. This data is passed down the daisy
chain and read back by the DSP/microprocessor. When Bit D0
is set low, daisy-chain read is disabled. See the Daisy-Chain
Interface section and the Examples of Interfacing with the
AD7280A section. The default value of D0 is 1.
CELL OVERVOLTAGE REGISTER
The cell overvoltage register determines the high voltage thresh-
old of the AD7280A. Cell voltage conversions that exceed the
overvoltage threshold trigger the alert output. The AD7280A
allows the user to set the overvoltage threshold to a value from
1 V to 5 V. The resolution of the overvoltage threshold is eight
bits, that is, 16 mV. The default value of the overvoltage threshold
on power-up is 0xFF (5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com