Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 24Page - Analog Devices AD7280ABSTZ Datasheet HTML 25Page - Analog Devices AD7280ABSTZ Datasheet HTML 26Page - Analog Devices AD7280ABSTZ Datasheet HTML 27Page - Analog Devices AD7280ABSTZ Datasheet HTML 28Page - Analog Devices AD7280ABSTZ Datasheet HTML 29Page - Analog Devices AD7280ABSTZ Datasheet HTML 30Page - Analog Devices AD7280ABSTZ Datasheet HTML 31Page - Analog Devices AD7280ABSTZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD7280A
Rev. 0 | Page 28 of 48
REGISTER MAP
Table 13.
Register Name
Register
Address
Register
Data
Read/Write
Register
Cell Voltage 1
0x00
D11 to D0
Read only
Cell Voltage 2
0x01
D11 to D0
Read only
Cell Voltage 3
0x02
D11 to D0
Read only
Cell Voltage 4
0x03
D11 to D0
Read only
Cell Voltage 5
0x04
D11 to D0
Read only
Cell Voltage 6
0x05
D11 to D0
Read only
AUX ADC 1
0x06
D11 to D0
Read only
AUX ADC 2
0x07
D11 to D0
Read only
AUX ADC 3
0x08
D11 to D0
Read only
AUX ADC 4
0x09
D11 to D0
Read only
AUX ADC 5
0x0A
D11 to D0
Read only
AUX ADC 6
0x0B
D11 to D0
Read only
Self-Test
0x0C
D11 to D0
Read only
Control
0x0D
D15 to D8
Read/write
0x0E
D7 to D0
Read/write
Cell Overvoltage
0x0F
D7 to D0
Read/write
Cell Undervoltage
0x10
D7 to D0
Read/write
AUX ADC Overvoltage
0x11
D7 to D0
Read/write
AUX ADC Undervoltage
0x12
D7 to D0
Read/write
Alert
0x13
D7 to D0
Read/write
Cell Balance
0x14
D7 to D0
Read/write
CB1 Timer
0x15
D7 to D0
Read/write
CB2 Timer
0x16
D7 to D0
Read/write
CB3 Timer
0x17
D7 to D0
Read/write
CB4 Timer
0x18
D7 to D0
Read/write
CB5 Timer
0x19
D7 to D0
Read/write
CB6 Timer
0x1A
D7 to D0
Read/write
PD Timer
0x1B
D7 to D0
Read/write
Read
0x1C
D7 to D0
Read/write
CNVST Control
0x1D
D7 to D0
Read/write
CELL VOLTAGE REGISTERS
The cell voltage registers store the conversion result from each cell
input. The conversion result is in 12-bit straight binary format.
AUXILIARY ADC REGISTERS
The AUX ADC registers store the conversion result from each
auxiliary ADC input. The conversion result is in 12-bit straight
binary format.
SELF-TEST REGISTER
The self-test register stores the conversion result of the ADC
self-test. The conversion result is in 12-bit straight binary format.
CONTROL REGISTER
The control register is a 16-bit register that is used to configure
the AD7280A. Table 14 describes the operation of each bit in
the control register.
Table 14. Control Register Settings
Bits
Description
[D15:D14]
Select conversion inputs
00 = six cell voltages and six AUX ADCs (default)
01 = six cell voltages and AUX1, AUX3, and AUX5
10 = six cell voltages only
11 = ADC self-test
[D13:D12]
Read conversion results
00 = six voltages and six AUX ADCs (default)
01 = six voltages and AUX1, AUX3, and AUX5
10 = six cell voltages only
11 = no-read operation
D11
Conversion start format
0 = falling edge of CNVST input (default)
1 = rising edge of CS
[D10:D9]
Conversion averaging
00 = single conversion only (default)
01 = average by 2
10 = average by 4
11 = average by 8
D8
Power-down format
0 = falling edge of PD input (default)
1 = software power-down
D7
Software reset
0 = take the AD7280A out of reset (default)
1 = reset
the AD7280A
[D6:D5]
Set acquisition time
00 = 400 ns (default)
01 = 800 ns
10 = 1.2 μs
11 = 1.6 μs
D4
Reserved; set to 1
D3
Thermistor termination resistor
0 = function not in use (default)
1 = termination resistor connected
D2
Lock device address
0 = does not lock to new device address; continues
to operate with Device Address 0x00 (default)
1 = part locks to new device address that it is
presented with
D1
Increment device address
0 = does not increment the device address when
transferring data up the daisy chain
1 = increments the device address when
transferring data up the daisy chain (default)
D0
Daisy-chain register readback
0 = function not in use; registers are read in single
register readback mode
1 = set daisy chain for register readback (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com