Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280ABSTZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD7280ABSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280ABSTZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7280ABSTZ Datasheet HTML 33Page - Analog Devices AD7280ABSTZ Datasheet HTML 34Page - Analog Devices AD7280ABSTZ Datasheet HTML 35Page - Analog Devices AD7280ABSTZ Datasheet HTML 36Page - Analog Devices AD7280ABSTZ Datasheet HTML 37Page - Analog Devices AD7280ABSTZ Datasheet HTML 38Page - Analog Devices AD7280ABSTZ Datasheet HTML 39Page - Analog Devices AD7280ABSTZ Datasheet HTML 40Page - Analog Devices AD7280ABSTZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
AD7280A
Rev. 0 | Page 37 of 48
CRC Calculation Example 3
This example shows the breakdown of a 32-bit register read
from the low byte of the control register of the master device,
that is, Device 0.
The CRC is computed in the AD7280A on Bits[D31:D10], that
is, the device address, the register address, the register data, two
reserved zero bits, and the write acknowledge bit. The
calculated CRC is sent along with Bits[D31:D10] and
Bits[D1:D0] to the DSP/microprocessor.
The data received from the AD7280A is as follows:
0000 0001 1100 0010 1000 0110 0110 1000 (0x01C28668).
•
Device address: 00000 (0x00)
•
Register address: 001110 (0x0E)
•
Register data: 00010100 (0x14)
•
Reserved 0s: 0 (0x0)
•
Write acknowledge: 1 (0x1)
•
CRC: 10011010 (0x9A)
•
Reserved 0s: 0 (0x0)
The CRC bits are computed again in the DSP/microprocessor
on Bits[D31:D10] of the data that is read back from the AD7280A.
The data input to the CRC algorithm is, therefore,
0000000111000010100001 (0x0070A1).
Following the completion of the calculation, the value of
CRC_7 to CRC_0 is 10011010 (0x9A). This result matches
the CRC that was sent from the AD7280A; therefore, this
transmission of data is valid.
CRC Calculation Example 4
This example shows the breakdown of a 32-bit conversion result
read from the Cell Voltage 3 conversion result register of Device 1.
The CRC is computed in the AD7280A on Bits[D31:D10], that
is, the device address, the channel address, the conversion data,
and the write acknowledge bit. The calculated CRC is sent along
with Bits[D31:D10] and Bits[D1:D0] to the DSP/microprocessor.
The data received from the AD7280A is as follows:
1000 0001 0100 1100 1101 0101 0001 1000 (0x814CD518).
•
Device address (read LSB first): 10000 (0x10)
•
Channel address: 0010 (0x2)
•
Conversion data: 100110011010 (0x99A)
•
Write acknowledge: 1 (0x1)
•
CRC: 01000110 (0x46)
•
Reserved 0s: 0 (0x0)
The CRC bits are computed again in the DSP/microprocessor
on Bits[D31:D10] of the data that is read back from the
AD7280A. The data input to the CRC algorithm is, therefore,
1000000101001100110101 (0x205335).
Following the completion of the calculation, the value of
CRC_7 to CRC_0 is 01000110 (0x46). This result matches
the CRC that was sent from the AD7280A; therefore, this
transmission of data is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com