Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Rev. 1.00
6
���i� ��� �011
Rev. 1.00
7
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Electrical Characteristics
(VIN=17V, Ta=25°C, unless otherwise specified)
Symbol
Description
Test Condition
Min.
Typ.
Max.
Unit
Input
VINDC
In�ut DC su���y vo�tage
11
VC�am�
V
IIN
In�ut O�e�ation Cu��ent
VINDC ≥ 17V, RT = 410kΩ
GDR �in floating
0.6
1
m�
IINST
Sta�tu� In�ut cu��ent
VINDC < 15V, RT = 410kΩ
15
30
μA
VC�am�
VIN Clamp Voltage
IIN=10m�
��.4
�5
�7.6
V
Internal Regulator
VDD
Inte�na��y �egu�ated vo�tage
VINDC=12V~26V
4.5
5
5.5
V
ΔVDD� �ine
Line regulation of VDD
VINDC=12V~26V, IDD = 0m�
0
100
mV
ΔVDD� �oad
Load regulation of VDD
VINDC=17V, IDD = 0mA ~ 3m�
0
100
mV
VUVLO(H)
VINDC unde� vo�tage �ockout high
th�esho�d
VINDC �ising
15
16
17
V
VUVLO(L)
VINDC unde� vo�tage �ockout �ow
th�esho�d
VINDC fa��ing
9
10
11
V
VEN(L)
In�ut �ow vo�tage fo� PDM �in
VINDC=12V~26V
0.�
V
VEN(H)
In�ut high vo�tage fo� PDM �in
VINDC=12V~26V
�.0
V
REN
PDM �in Pu��-�ow �esisto�
50
100
150
VCS(TH)
Cu��ent sense t�i� th�esho�d
vo�tage
0.�4
0.�4�
0.�55
V
Tde�ay
De�ay f�om CS t�i� to GDR
VCS =VCS_TH + 50mV
110
ns
VLD
Linea� Dimming �in vo�tage
�ange
0
VCS_TH
V
Tb�ank
B�anking inte�va�
�00
300
400
ns
Toff
Off time
RT=410kΩ
14.7
16.4
1�.1
μs
VOL
G�TE Out�ut Low Leve�
VINDC = 17V, Io = -�0m�
0.3
V
VOH
G�TE Out�ut High Leve�
VINDC = 17V, Io = �0m�
1�
V
T�ise
Gate out�ut �ise time
CG�TE = 500�F
1�0
ns
Tfa��
Gate out�ut fa�� time
CG�TE = 500�F
50
ns
TOTP
The�ma� shutdown tem�e�atu�e
140
∆TOTP
The�ma� shutdown tem�e�atu�e
hyste�esis
�5
∆fJitte�
Switch f�equency jitte� �atio
±4
%
TJP
Jitte� Pe�iod
fsw = 60kHz
4
ms
VCS-sho�t
Short circuit protection Voltage
0.45
0.5
0.55
V
Note 3: Specifications are production tested at TA=room temperature. Specifications over the -40°C to 85°C
o�e�ating tem�e�atu�e �ange a�e assu�ed by design� cha�acte�ization and co��e�ation with Statistica� Qua�ity
Cont�o�s (SQC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com