Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 23Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 24Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 25Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 26Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Rev. 1.00
�4
���i� ��� �011
Rev. 1.00
�5
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Carrier Tape Dimensions
P
D1
W
P1
P0
D
E
F
t
K0
B0
A0
C
IC p a ck age pi n 1 and t he r eel hol es
ar e lo ca te d on th e sa me s i de.
R eel H ol e
SOP 8N
Symbol
Description
Dimensions in mm
W
Ca��ie� Ta�e Width
1�.0+0.3/-0.1
P
Cavity Pitch
�.0±0.1
E
Pe�fo�ation Position
1.75±0.1
F
Cavity to Pe�fo�ation (Width Di�ection)
5.5±0.1
D
Pe�fo�ation Diamete�
1.55±0.1
D1
Cavity Ho�e Diamete�
1.50+0.�5/-0.00
P0
Pe�fo�ation Pitch
4.0±0.1
P1
Cavity to Pe�fo�ation (Length Di�ection)
�.0±0.1
�0
Cavity Length
6.4±0.1
B0
Cavity Width
5.�±0.1
K0
Cavity De�th
�.1±0.1
t
Ca��ie� Ta�e Thickness
0.30±0.05
C
Cove� Ta�e Width
9.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com