Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Rev. 1.00
1�
���i� ��� �011
Rev. 1.00
13
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Application Description
This section shows how to design a buck circuit LED application using a simple example. For other
application conditions, such as high efficiency solutions, refer to the HT7L4091 application notes
for more details.
For example:
AC Input voltage: V�C_ty� =110Vrms; V�C_min =95Vrms; V�C_max =125Vrms; F�C=60Hz
Ta�get wo�king condition: FPWM > 40kHz
Output Voltage: LED string ×LED Voltage =8×(3~3.3)=24V~26.4V, typical 25.2
�ve�age Out�ut LED Cu��ent: ILED= 400m�
Expected efficiency: η=90%
Refer to the typical application circuit.
Input Bulk Capacitor – C1
The input Bulk Capacitor determines the ripple amplitude of input voltage after rectification. A
large capacitance generates a smaller input voltage ripple amplitude. The first design criterion to
meet is that the maximum LED string voltage should be less than 80% of the minimum AC input
voltage (Vmin,AC). Note that 80% is a rough estimate here. Here the large ripple amplitude has a wide
frequency variation which leads to increase in circuit power losses. Assume that the input voltage
DC ripple (ΔVDCripple%) is equal to 30% and then calculate the C1 value.
� ×V�C_min ×(1-ΔVDC�i���e%)×0.�= � ×95×(1-30%)×0.8=75.2V>26.4V(Maximum Output Voltage)
Above formula means 30% input voltage ripple is approved that exceed output voltage.
Finally, a useful rule can find the valley voltage of the input voltage. Using the figure below, it is
necessary to calculate the charge time and discharge time of the input bulk capacitor.
Tcha�ge
Tdischa�ge
t
VIN
�.333ms
1
1�0Hz
=
Δ
V
The waveform of input voltage in the C1
Charge period: CP
AC
1
T
8.333ms
2F
=
=
×
−
∆

−

×−




1
CP
IN
cha�ge
V
sin (1
)
T
V
T=
1
�
90
� whe�e
IN
V
V
∆
= ΔVDC�i���e%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com