Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Rev. 1.00
16
���i� ��� �011
Rev. 1.00
17
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Efficiency for Resistor Only Power and Single Input Voltage
The results of these curves are that each voltage corresponds to each input limit resistor. Theseresults
show how good the application is designed for a narrow voltage range using a resistor to power the
device.
The “LED string” means how many LEDs are in one string. 16S means there are 16 LEDs in one
string.
The output (LED) power is kept at 10W.
Input Voltage vs. Efficiency
65
70
75
80
85
90
95
80
130
180
230
280
Vac(V)
16S LED
14S LED
12S LED
10S LED
8S LED
LED String vs. Efficiency
65
70
75
80
85
90
95
6
8
10
12
14
16
18
LED String
260Vac
85Vac
110Vac
170Vac
220Vac
Input voltage vs. LED Current
150
200
250
300
350
400
450
80
130
180
230
280
Vac(V)
16S LED
14S LED
12S LED
10S LED
8S LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com