Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Rev. 1.00
1�
���i� ��� �011
Rev. 1.00
19
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Input voltage vs. LED Current
160
210
260
310
360
410
460
80
130
180
230
280
Vac(V)
16S LED
14S LED
12S LED
10S LED
8S LED
LED String vs. LED current
160
210
260
310
360
410
460
6
8
10
12
14
16
18
LED String
260Vac
85Vac
170Vac
110Va
220Vac
Typical Application Circuit
L
D1
MOSFET
VLED
Cfi�te�
Co
GDR
CS
VIN
GND
RT
LD
VDD
PDM
RT
C7
Rcs
RIN
�C
EMI
Lc
Lc
Ca1
Ca�
C1
CIN
0.1uF
400V
1uF/50V
0.1uF
��uF
400V
CC
Rc
Essentia� com�onents
Used optional components
Unused optional components
Zin
CT
5�F
This typical application circuit uses a fundamental buck converter circuit. Adding a CO capacitor
can reduce the LED current ripple or reduce the inductor size while adding the RC and CC
components can reduce spikes on the CS pin.
If frequency jittering is considered to reduce EMI an optional 5pF CT may be used to stabilise the
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com