Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 23Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 24Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Rev. 1.00
�0
���i� ��� �011
Rev. 1.00
�1
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
BJT Power Supply Application Circuit
The application circuit uses a BJT to supply the device power to obtain better efficiency.
Zin
CIN
RIN
BJT
Cfi�te�
GDR
CS
VIN
GND
RT
LD
VDD
PDM
C7
�C
EMI
Lc
Lc
Ca1
Ca�
C1
0.1uF
400V
1uF
50V
0.1uF
L
D1
VLED
Co
MOSFET
Rcs
CC
Rc
RT
CT
5�F
��uF
400V
If frequency jittering is considered to reduce EMI an optional 5pF CT may be used to stabilise the
effect.
For more details refer to the application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com