Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 23Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Rev. 1.00
�0
���i� ��� �011
Rev. 1.00
�1
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Other Application Circuit
No Input Bulk Capacitor Circuit
L
D1
MOSFET
VLED
Cfi�te�
Co
GDR
CS
VIN
GND
RT
LD
VDD
PDM
C7
Rcs
RIN
�C
EMI
Lc
Lc
Ca1
Ca�
0.1uF
0.1uF
400V
CC
Rc
Essentia� com�onents
Used optional components
Unused optional components
Ra
Rb
CIN
1uF/50V
RT
CT
5�F
The application circuit is a low cost implementation which can improve the PF used within the
signal input voltage range.
The auxiliary winding application circuit can be chosen when used for a universal input voltage. If
frequency jittering is considered to reduce EMI effects, an optional 5pF capacitor may be added for
stabilisation purposes. Refer to the application notes for more details.
For more details refer to the application note.
High Efficiency Circuit
T�
D1
Rs
MOSFET
GDR
CS
GND
RT
LD
VDD
PDM
C7
Rg
Rsb
Dg
Rc
Cc
Ra
Da
VIN
RIN
�C
EMI
Lc
Lc
Ca1
Ca�
VLED
Cfi�te�
C1
0.1uF
400V
��uF
400V
Essentia� com�onents
Used optional components
Unused optional components
CIN
1uF/50V
Zin
RT
CT
5�F
The application circuit uses the auxiliary inductor to supply the device power to obtain better
efficiency.
If frequency jittering is used to reduce EMI interference effects, an optional 5pF capacitor may be
used for stabilisation purposes. For more details, refer to the application note for auxiliary inductor
applications.
For more details refert to the application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com