Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Rev. 1.00
16
���i� ��� �011
Rev. 1.00
17
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Typical Performance Characteristics
There are many different factors to influence efficiency of the application, such as the output power,
working frequency, power supply circuit of the HT7L4091 and so on. The following are some
measured results.
Efficiency vs. Power Supply Circuit – Working Frequency
There are several different power supply circuits for the device. Reference to the “Application
circuit” for some examples. The different circuits provide different advantages, such as high
efficiency or low cost.
Follow are some efficiency compare for different power supply circuits. The condition
is VAC=85VAC~260VAC, F PWM >= 50 KHz (HT7L4091 working frequency),
output=52Vx0.2A=10.4W. Decreasing FPWM or increasing the output power can enhance the
efficiency.
efficiency compare in different application circuits
(freq,min=50kHz)
78
80
82
84
86
88
90
92
80
130
180
230
280
Vac (V)
auxiliary circuit
typical circuit
BJT circuit
The following is an example to enhance the efficiency by reducing the FPWM (HT7L4091 working
frequency) to >=30 KHz.
efficiency compare with different frequency in two application
circuits
81
83
85
87
89
91
93
80
130
180
230
280
Vac (V)
auxiliary circuit 50kHz
BJT circuit 50kHz
auxiliary circuit 30kHz
BJT circuit 30kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com