Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Rev. 1.00
1�
���i� ��� �011
Rev. 1.00
13
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Tdischa�ge=TCP– Tcha�ge
TDischa�ge =�.333ms –
1
�.333ms
sin (1 30%)
1
�
90
−
−
×−


= 6.��3�ms
Then, the minimum capacitor value can be calculated as:
(
) (
)
LEDmax
LED
Discha�ge
1
�
�
�Cmin
DCmin
(2 n V
I ) T
C
2 V
V
××
×
×
≥
η×
×
−
=
(
) (
)
��
(2 16 3.3V 200mA) 6.2232ms
0.9
� �5
� �5 0.7
××
×
×
×
×
−
×
×
= 14.3uF
Choose C1=��uF
Considering ±20% capacitance variation, the worst case lower value of the capacitance is 17.6uF,
which is much larger than 14.3uF. It can be calculated that the input DC ripple is 24.5% when the
input Buck capacitor is 17.6uF.
Therefore, if the real capacitor value is less than the calculated value, the voltage ripple will exceed
the maximum range of 30% which is the specified assumption in the calculation.
Switching Frequency and Duty Cycle
Frequency interference should be taken into account to minimise interference with other electrical
appliances. Here set the minimum switching frequency to a value of 40kHz for safety. If EMI
suppression is good, the switching frequency can be decreased to 30kHz to obtain better efficiency.
Since the HT7L4091 operates in constant off time, the switching frequency would be changed by
the input and output voltage. The slowest switching frequency occurs when the duty cycle is at a
maximum value.
The maximum duty cycle can be calculated as,
⋅+
=
=
⋅
×−
o_ max
LED_ max
F�D1
max
DC_ min
�C_ min
�i���e
V
nV
V
D
V
2 V
(1 V ) =
× +
×
×
3.3 � 1.3
� 95 (1-�4.5%)
=0.�731
Turn-off Time
−
=
max
off
PWM_ min
1D
T
F
=
−
1 0.�731
40k
=1�.173us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com