Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Rev. 1.00
10
���i� ��� �011
Rev. 1.00
11
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Start-up Current and Auxiliary Power Source
The power consumption of the HT7L4091 is one of the major efficiency losses if IINSP drops from
the rectified AC source whose voltage is much higher than the voltage used by the device. For
efficiency improvements, a small start-up current from the rectified AC source is used to start up
the HT7L4091 and IINSP can be provided from the auxiliary power source, for example: auxiliary
winding.
The start-up current should take into consideration the Cin (Vin Capacitor) charge current and the
current consumption of the HT7L4091 during start-up (Iinst). The Cin charge current shall consider
how fast (tstart-up) the application is required to start operation. The start-up current can be calculated
using the follow equation:
in
UVLO(H)
start up
inst
start up
CV
II
t
×
=
+
The current from auxiliary power source should be:
aux
INSP
start up
II
I
=
The start-up current allows a start-up resistor with a high resistance and a low-power rating. The
start-up resistor (RINST) is used to supply the start-up power for the device from the rectified AC
source. RINST can be calculated using the following equation:
min,AC
UVLO(H)
INST
start-up
2V
V
R
I
⋅−
=
Linear Dimming
The Linear Dimming pin is used to control the LED current. The VDD pin voltage can be connected
to the LD pin to obtain a voltage corresponding to the desired voltage across RCS. The LD pin can
adjust the current level to reduce the illumination intensity of the LEDs. To adjust the external LD
pin voltage from 0mV to 250mV can adjust the LED current during operation. To use the internal
250mV as the reference voltage, the LD pin can be connected to VDD.
PWM Dimming
An external enable input named PDM is provided and can be utilized for PWM dimming of the LED
string. When the external PWM signal is zero, the gate driving circuitry is turned off while the gate
driving circuits are turned on when the PWM signal is high.
LED Open and Short Circuit Protection
There will be no abnormal behavior if the LEDs are open circuit. While some LEDs are shorted, the
output voltage will be adjusted automatically for the condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com