Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7L4091 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Rev. 1.00
4
���i� ��� �011
Rev. 1.00
5
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Features
● Input supply AC voltage range: 100V~240V
● Ultra Low Power-on Start-up current < 30μA
● Integrated 25V Zener diode internally connected to VIN pin
● 5V LDO output voltage with 6mA driving current for external components
● Frequency jitter function for enhanced EMI performance
● Efficiency > 85%
● Under Voltage Lockout Function - UVLO
● Current mode operation with cycle-by-cycle current limiting
● Over Temperature Protection Function
● High-current FET Drive Output
● Linear and PWM Dimming Function
● Enhanced Short Circuit Protection Function
Applications
● AC/DC and DC/DC Power control For High Power LED Lighting
● RGB back lighting LED driver
● Flat Panel Displays Back Lighting
● General Purpose Constant Current Source
● Signage and Decorative LED lighting
● Battery Chargers
General Description
The HT7L4091 device provides a low-cost solution for active current mode PWM controls of High
Intensity LED drive systems supplied by either AC or DC line power lines. The device operates
in constant off-time mode which is suitable for buck LED drivers. The low start-up and operating
currents provides flexible power requirements for high efficiency or low cost applications. The
switch frequency off-time can be programmed using an external resistor. The peak current mode
control achieves good output current regulation without requiring loop compensations for a wide
range of input voltages.
Included in the device is a PWM dimming input which can accept an external control signal with a
duty ratio from 0 to 100%. The output current can be programmed from 0 to 250mA by applying an
external control voltage on the linear dimming control input.
The device includes a frequency jitter function which helps to reduce EMI power supply emissions.
from damage should the LEDs be short circuited. .
The device requires a minimum number of external standard components and is available in an 8-pin
NSOP package for small area PCB applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com