Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Rev. 1.00
14
���i� ��� �011
Rev. 1.00
15
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Input Supply Current
Assume that the input current drawn by the internal circuit from the VIN pin is the sum of the
current with a value of 1.0mA and the current drawn by the gate driver of the external MOSFET
(which in turn depends upon the switching frequency and the gate charge of the external FET).
Assume that the gate charge Qgate is equal to 12nC.
= +⋅
INSP
IN
gate
PWM
I
IQ
F = 1m� + 1�nC × 50kHz = 1.6m�
, where IINSP is the input current taken from the VIN pin, FPWM is the switching frequency, Qgate is the
gate charge of the external FET and IIN is the current taken by the internal circuit. FPWM is considered
about the minimum input voltage and CT has a minimum value.
Input Limit Resistor (RIN)
In this design, VAC_min = 95Vrms, VUVLO(H)_max = 17V
× − ∆
=
AC_ min
DCripple%
UVLO(H)_max
in
INSP
2 V
(1
V
) V
R
I
= � 95 (1 30%) 17
1.6m�
×
× −
=62.4kΩ
Choose Rin=60kΩ
The input limit resistor consider the high input voltage from the rectified clamp voltage of the
internal Zener diode and operating current. Two 30KΩ / 1W resistors are used for Rin.
Output Capacitor – CO
The capacitor, CO, filters the current through the LEDs thus limiting the peak current of the LED
string. Increasing the inductor ripple current corresponds to decreasing the inductor value and
inductor size. In order to reduce the inductor value and size and obtain a smaller LED current ripple,
the addition of a capacitor CO is a good way to do this. Usually, a several μF output capacitor is
added in practical application circuits.
Adding CO connected across the LED strings can reduce the LED current ripple and while increasing
the inductor current ripple variation can decrease the inductor value and size.
To assume inductor current ripple is 80%, a smaller inductor value could be calculated.
××
=
×
off
LED _ max
LED
T
nV
L
I
Ri���e
=
××
×
17.7us � 3.15
400m� 0.�
=1.393mH
Choose L=1.4mH and CO=1uF
The actual values of CO and RCS may need to be adjusted to reduce the current ripple and obtain
the target average LED current. A 1uF capacitor and an RCS as shown in the above calculation are a
good start point to obtain an acceptable result. Since it takes some effort, it can reduce the inductor
size/cost significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com