Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 23Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 24Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 25Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 26Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Rev. 1.00
��
���i� ��� �011
Rev. 1.00
�3
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Bill of Materials
AC Input voltage: V�C_ty� =110Vrms; V�C_min =95Vrms; V�C_max =115Vrms, FPWM ≥ 40kHz
Output Voltage: LED string Voltage =24~26.4V
�ve�age Out�ut LED Cu��ent: ILED= 400m�
R+L+EMI circuit (8S20P)
Components Quantity
Value
Package
Part Number
RT
1
390kΩ+ 13kΩ
SMD 0�05
RCS
1
R300(0.3Ω)+R240(0.24Ω) SMD 1�06
C1
1
22uF/ 200V
CapXon Radia�
FK se�ies
Cfilter
1
0.1uF/ 200V
Radia�
RIN
1
30kΩ/1W x 2
�XI�L-0.6
CIN
1
1uF / 50V
SMD 0�05
LED
160
3~3.3V/30mA
Eve��ight P-LCC-�
L�C-B4556�C-
C-B4556�C-
-B4556�C-
�C-
�CB�
MOSFET
1
2A/600V
NIKO-SEM DP�K
P0�60�D
C7
1
0.1uF
SMD 0�05
DB�idge
1
1A/400V
DF-S
DF04S-T
D1
1
2A/600V
SMB
STTH2R06U
U1
1
HT7L4091
NSOP�
HOLTEK
L
1
3.�mH
Coi�c�aft 335D
CM6676-�L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com