Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Rev. 1.00
���i� ��� �011
Rev. 1.00
9
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Current Sense
The current sense input is connected to the non-inverting inputs of two comparators. The inverting
terminal of one comparator is tied to an internal 250mV reference whereas the other comparator
inverting terminal is connected to the LD pin. The outputs of both these comparators are fed into an
OR gate and the output of the OR gate is fed into the reset pin of a flip-flop. If a flip-flop reset event
is triggered by the OR gate output a signal occurs where the external MOSFET gate driving circuitry
will be turned off. Therefore, the comparator which has the lower voltage at the inverting terminal
determines when the gate driving output is turned off.
Leading-Edge Blanking
Each time the power MOSFET is switched on, a turn-on transient spike will occur on the CS pin.
To avoid premature termination of the switching pulse, a TBlank leading-edge blank time is generated
during the MOSFET switch turn-on to prevent false triggering of the current sense comparator.
During this blanking period, the current-limit comparator is disabled and the gate driving circuitry
will not be switched off.
In certain rare situations, the internal blanking time might not be long enough to filter out the turn-
on spike. In such situations, it will be necessary to add an external RC filter between the external
sense resistor (RCS) and the CS pin.
Frequency Jitter Function
The device also includes a frequency jitter function. The frequency has a variation range of +4%
to -4% within four milliseconds. The frequency jitter function helps reduce power supply line EMI
emissions with minimum line filters.
Input Supply Current
The input supply current is determined by the input operating current and the current drawn by the
external MOSFET gate driver. This means that the input supply current depends upon the switching
frequency and the external MOSFET gate charge.
IINSP = IIN + Qgate × fS
, where IINSP is the input supply current taken from the VIN pin, fS is the switching frequency Qgate is
the gate charge of the external MOSFET and IIN is the input operation current.
The application circuit should provide enough IINSP to ensure the application can work properly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com