Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 43 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 39Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 40Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 41Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 42Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 43Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 44Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 45Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 46Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
43
Table 7. Special Function Registers (continued)
ADDRESS
RESET VALUE
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
REGISTER
AAh
ABh
ACh
ADh
AEh
P1DDRL
P13H
P13L
P12H
P12L
P11H
P11L
P10H
P10L
00h
AFh
P1DDRH
P17H
P17L
P16H
P16L
P15H
P15L
P14H
P14L
00h
B0h
P3
P3.7
P3.6
SCK/SCL/CLKS
P3.5
T1
P3.4
T0
P3.3
INT1
P3.2
INT0
P3.1
TXD0
P3.0
RXD0
FFh
B1h
B2h
B3h
P3DDRL
P33H
P33L
P32H
P32L
P31H
P31L
P30H
P30L
00h
B4h
P3DDRH
P37H
P37L
P36H
P36L
P35H
P35L
P34H
P34L
00h
B5h
IDAC
00h
B6h
B7h
B8h
IP
1
0
0
PS0
PT1
PX1
PT0
PX0
80h
B9h
BAh
BBh
BCh
BDh
BEh
BFh
C0h
C1h
C2h
C3h
C4h
C5h
C6h
EWU
EWUWDT
EWUEX1
EWUEX0
00h
C7h
SYSCLK
0
0
DIVMOD1
DIVMOD0
0
DIV2
DIV1
DIV0
00h
C8h
C9h
CAh
CBh
CCh
CDh
CEh
CFh
D0h
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
00h
D1h
OCL
LSB
00h
D2h
OCM
00h
D3h
OCH
MSB
00h
D4h
GCL
LSB
5Ah
D5h
GCM
ECh
D6h
GCH
MSB
5Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com