Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 1 Page - Texas Instruments

  MSC1202Y2RHHT Datasheet HTML 1Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 2Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 3Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 4Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 5Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 6Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 7Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 8Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
SBAS317E − APRIL 2004 − REVISED MAY 2006
Precision AnalogtoDigital Converter (ADC)
and CurrentOutput DigitaltoAnalog Converter (DAC)
with 8051 Microcontroller and Flash Memory
MSC1200
MSC1201
MSC1202
FEATURES
ANALOG FEATURES
D MSC1200 and MSC1201:
− 24 Bits No Missing Codes
− 22 Bits Effective Resolution At 10Hz
− Low Noise: 75nV
D MSC1202:
− 16 Bits No Missing Codes
− 16 Bits Effective Resolution At 200Hz
− Noise: 600nV
D PGA From 1 to 128
D Precision On-Chip Voltage Reference
D 8 Diff/Single-Ended Channels (MSC1200)
D 6 Diff/Single-Ended Channels (MSC1201/02)
D On-Chip Offset/Gain Calibration
D Offset Drift: 0.1ppm/°C
D Gain Drift: 0.5ppm/°C
D On-Chip Temperature Sensor
D Selectable Buffer Input
D Signal-Source Open-Circuit Detect
D 8-Bit Current DAC
DIGITAL FEATURES
Microcontroller Core
D 8051-Compatible
D High-Speed Core:
− 4 Clocks per Instruction Cycle
D DC to 33MHz
D On-Chip Oscillator
D PLL with 32kHz Capability
D Single Instruction 121ns
D Dual Data Pointer
Memory
D 4kB or 8kB of Flash Memory
D Flash Memory Partitioning
D Endurance 1M Erase/Write Cycles,
100-Year Data Retention
D 256 Bytes Data SRAM
D In-System Serially Programmable
D Flash Memory Security
D 1kB Boot ROM
Peripheral Features
D 16 Digital I/O Pins
D Additional 32-Bit Accumulator
D Two 16-Bit Timer/Counters
D System Timers
D Programmable Watchdog Timer
D Full-Duplex USART
D Basic SPI
D Basic I2C
D Power Management Control
D Internal Clock Divider
D Idle Mode Current < 200mA
D Stop Mode Current < 100nA
D Digital Brownout Reset
D Analog Low-Voltage Detect
D 20 Interrupt Sources
GENERAL FEATURES
D Each Device Has Unique Serial Number
D Packages:
− TQFP-48 (MSC1200)
− QFN-36 (MSC1201/02)
D Low Power: 3mW at 3.0V, 1MHz
D Industrial Temperature Range:
−40
°C to +125°C
D Power Supply: 2.7V to 5.25V
APPLICATIONS
D Industrial Process Control
D Instrumentation
D Liquid/Gas Chromatography
D Blood Analysis
D Smart Transmitters
D Portable Instruments
D Weigh Scales
D Pressure Transducers
D Intelligent Sensors
D Portable Applications
D DAS Systems
All trademarks are the property of their respective owners.
www.ti.com
Copyright
 2004−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - MSC1202Y2RHHT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202Y2RHHT BURR-BROWN-MSC1202Y2RHHT Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1202Y2RHHT TI1-MSC1202Y2RHHT Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y2RHHT TI-MSC1202Y2RHHT Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
MSC1202Y2RHHTG4 TI1-MSC1202Y2RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y2RHHTG4 TI-MSC1202Y2RHHTG4 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
More results

Similar Description - MSC1202Y2RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
AD9258 AD-AD9258 Datasheet
2Mb / 45P
Analog-to-Digital Converter (ADC)
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com