Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 40Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 41Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 42Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 43Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 44Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 45Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 46Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 47Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
44
Table 7. Special Function Registers (continued)
ADDRESS
RESET VALUE
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
REGISTER
D7h
ADMUX
INP3
INP2
INP1
INP0
INN3
INN2
INN1
INN0
01h
D8h
EICON
0
1
EAI
AI
WDTI
0
0
0
40h
D9h
ADRESL(1)
LSB(1)
00h
DAh
ADRESM(1)
MSB(1)
00h
DBh
ADRESH(1)
MSB(1)
00h
DCh
ADCON0
BOD
EVREF
VREFH
EBUF
PGA2
PGA1
PGA0
30h
DDh
ADCON1
OF_UF
POL
SM1
SM0
—
CAL2
CAL1
CAL0
00h
DEh
ADCON2
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
1Bh
DFh
ADCON3
0
0
0
0
0
DR10
DR9
DR8
06h
E0h
ACC
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
00h
E1h
SSCON
SSCON1
SSCON0
SCNT2
SCNT1
SCNT0
SHF2
SHF1
SHF0
00h
E2h
SUMR0
LSB
00h
E3h
SUMR1
00h
E4h
SUMR2
00h
E5h
SUMR3
MSB
00h
E6h
ODAC
00h
E7h
LVDCON
ALVDIS
0
0
0
ALVD3
ALVD2
ALVD1
ALVD0
8Fh
E8h
EIE
1
1
1
EWDI
EX5
EX4
EX3
EX2
E0h
E9h
HWPC0
0
0
0
0
0
0
DEVICE
MEMORY
0000_00xxb
EAh
HWPC1
0
0
1
0
0
0
0
0
20h
EBh
HWVER
ECh
EDh
EEh
FMCON
0
PGERA
0
FRCM
0
BUSY
SPM
FPM
02h
EFh
FTCON
FER3
FER2
FER1
FER0
FWR3
FWR2
FWR1
FWR0
A5h
F0h
B
00h
F1h
PDCON
PDICLK
PDIDAC
PDI2C
0
PDADC
PDWDT
PDST
PDSPI
6Fh
F2h
PASEL
PSEN4
PSEN3
PSEN2
PSEN1
PSEN0
0
0
0
00h
F3h
F4h
PLLL
PLL7
PLL6
PLL5
PLL4
PLL3
PLL2
PLL1
PLL0
xxh(2)
F5h
PLLH
CKSTAT2
CKSTAT1
CKSTAT0
PLLLOCK
0
0
PLL9
PLL8
xxh(2)
F6h
ACLK
0
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
F7h
SRST
0
0
0
0
0
0
0
RSTREQ
00h
F8h
EIP
1
1
1
PWDI
PX5
PX4
PX3
PX2
E0h
F9h
SECINT
WRT
SECINT6
SECINT5
SECINT4
SECINT3
SECINT2
SECINT1
SECINT0
7Fh
FAh
MSINT
WRT
MSINT6
MSINT5
MSINT4
MSINT3
MSINT2
MSINT1
MSINT0
7Fh
FBh
USEC
0
0
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FCh
MSECL
MSECL7
MSECL6
MSECL5
MSECL4
MSECL3
MSECL2
MSECL1
MSECL0
9Fh
FDh
MSECH
MSECH7
MSECH6
MSECH5
MSECH4
MSECH3
MSECH2
MSECH1
MSECH0
0Fh
FEh
HMSEC
HMSEC7
HMSEC6
HMSEC5
HMSEC4
HMSEC3
HMSEC2
HMSEC1
HMSEC0
63h
FFh
WDTCON
EWDT
DWDT
RWDT
WDCNT4
WDCNT3
WDCNT2
WDCNT1
WDCNT0
00h
(1) For the MSC1200/01, the ADC result is contained in ADRESH, ADRESM, and ADRESL. For the MSC1202, the ADC result is contained in
ADRESM and ADRESL (that is, shifted right one byte) and the MSB is sign-extended (Bipolar mode) or zero-padded (Unipolar mode) in
ADRESH. Therefore, when migrating between the MSC1200/01 and MSC1202, the ADC result calculation must be adjusted accordingly. For
all devices, the ADC interrupt is cleared by reading ADRESL.
(2) Dependent on active clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com