Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 69 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 65Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 66Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 67Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 68Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 69Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 70Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 71Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 72Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
69
Enable Interrupt Control (EICON)
7
6
5
4
3
2
1
0
Reset Value
SFR D8h
0
1
EAI
AI
WDTI
0
0
0
40h
EAI
Enable Auxiliary Interrupt. The Auxiliary Interrupt accesses nine different interrupts which are masked and
bit 5
identified by SFR registers PAI (SFR A5h), AIE (SFR A6h), and AISTAT (SFR A7h).
0 = Auxiliary Interrupt disabled (default).
1 = Auxiliary Interrupt enabled.
AI
Auxiliary Interrupt Flag. AI must be cleared by software before exiting the interrupt service routine, after the source
bit 4
of the interrupt is cleared. Otherwise, the interrupt occurs again. Setting AI in software generates an Auxiliary
Interrupt, if enabled.
0 = No Auxiliary Interrupt detected (default).
1 = Auxiliary Interrupt detected.
WDTI
Watchdog Timer Interrupt Flag. WDTI must be cleared by software before exiting the interrupt service routine.
bit 3
Otherwise, the interrupt occurs again. Setting WDTI in software generates a watchdog time interrupt, if enabled. The
Watchdog timer can generate an interrupt or reset. The interrupt is available only if the reset action is disabled in
HCR0.
0 = No Watchdog Timer Interrupt Detected (default).
1 = Watchdog Timer Interrupt Detected.
ADC Results Low Byte (ADRESL)
7
6
5
4
3
2
1
0
Reset Value
SFR D9h
LSB
00h
ADRESL
ADC Results Low Byte. This is the low byte of the ADC results.
bits 7−0
Reading from this register clears the ADC interrupt; however, AI in EICON (SFR D8) must also be cleared.
ADC Results Middle Byte (ADRESM)
7
6
5
4
3
2
1
0
Reset Value
SFR DAh
00h
ADRESM
ADC Results Middle Byte. This is the middle byte of the ADC results for the MSC1200/01 and the most significant
byte for the MSC1202.
bits 7−0
ADC Results High Byte (ADRESH)
7
6
5
4
3
2
1
0
Reset Value
SFR DBh
MSB
00h
ADRESH
ADC Results High Byte. This is the high byte and most significant byte of the ADC results for the MSC1200/01.
bits 7−0
This is a sign-extended (Bipolar mode) or zero-padded (Unipolar mode) byte for the MSC1202 (that is, all 0s for
positive ADC or unipolar results and all 1s for negative ADC results).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com