Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 81 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 79Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 80Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 81Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 82Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 83Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 84Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
81
Extended Interrupt Priority (EIP)
7
6
5
4
3
2
1
0
Reset Value
SFR F8h
1
1
1
PWDI
PX5
PX4
PX3
PX2
E0h
PWDI
Watchdog Interrupt Priority. This bit controls the priority of the watchdog interrupt.
bit 4
0 = The watchdog interrupt is low priority.
1 = The watchdog interrupt is high priority.
PX5
External Interrupt 5 Priority. This bit controls the priority of external interrupt 5.
bit 3
0 = External interrupt 5 is low priority.
1 = External interrupt 5 is high priority.
PX4
External Interrupt 4 Priority. This bit controls the priority of external interrupt 4.
bit 2
0 = External interrupt 4 is low priority.
1 = External interrupt 4 is high priority.
PX3
External Interrupt 3 Priority. This bit controls the priority of external interrupt 3.
bit 1
0 = External interrupt 3 is low priority.
1 = External interrupt 3 is high priority.
PX2
External Interrupt 2 Priority. This bit controls the priority of external interrupt 2.
bit 0
0 = External interrupt 2 is low priority.
1 = External interrupt 2 is high priority.
Seconds Timer Interrupt (SECINT)
7
6
5
4
3
2
1
0
Reset Value
SFR F9h
WRT
SECINT6
SECINT5
SECINT4
SECINT3
SECINT2
SECINT1
SECINT0
7Fh
This system clock is divided by the value of the 16-bit register MSECH:MSECL. Then, that 1ms timer tick is divided by the
register HMSEC which provides the 100ms signal used by this seconds timer. Therefore, this seconds timer can generate
an interrupt which occurs from 100ms to 12.8 seconds. Reading this register will clear the Seconds Interrupt. This Interrupt
can be monitored in the AIE register.
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished.
bit 7
Read = 0.
0 = Delay Write Operation. The SEC value is loaded when the current count expires.
1 = Write Immediately. The counter is loaded once the CPU completes the write operation.
SECINT6−0 Seconds Count. Normal operation would use 100ms as the clock interval.
bits 6−0
Seconds Interrupt = (1 + SEC)
• (HMSEC + 1) • (MSEC + 1) • tCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com