Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 48Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 49Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 50Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 51Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 52Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 54Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 55Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
52
Configuration Address (CADDR) (write-only)
7
6
5
4
3
2
1
0
Reset Value
SFR 93h
00h
CADDR
Configuration Address. This register supplies the address for reading bytes in the 128 bytes of Flash Configuration
bits 7−0
Memory. It is recommended that faddr_data_read be used when accessing Configuration memory.This register is
also used as the address for the sfr_read and sfr_write routines, so it must be set prior to their use.
CAUTION: If this register is written to while executing from Flash Memory, the CDATA register will be incorrect.
Configuration Data (CDATA) (read-only)
7
6
5
4
3
2
1
0
Reset Value
SFR 94h
00h
CDATA
Configuration Data. This register will contain the data in the 128 bytes of Flash Configuration Memory that
bits 7−0
is located at the last written address in the CADDR register. This is a read-only register.
Serial Port 0 Control (SCON0)
7
6
5
4
3
2
1
0
Reset Value
SFR 98h
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00h
SM0−2
Serial Port 0 Mode. These bits control the mode of serial Port 0. Modes 1, 2, and 3 have 1 start and 1 stop bit in
bits 7−5
addition to the 8 or 9 data bits.
MODE
SM0
SM1
SM2
FUNCTION
LENGTH
PERIOD
0
0
0
0
Synchronous
8 bits
12 pCLK(1)
0
0
0
1
Synchronous
8 bits
4 pCLK(1)
1
0
1
0
Asynchronous
10 bits
Timer 1 Baud Rate Equation
1
0
1
1
Asynchronous−Valid Stop Required(2)
10 bits
Timer 1 Baud Rate Equation
2
1
0
0
Asynchronous
11 bits
64 pCLK(1) (SMOD = 0)
32 pCLK(1) (SMOD = 1)
2
1
0
1
Asynchronous with Multiprocessor Communication
11 bits
64 pCLK(1) (SMOD = 0)
32 pCLK(1) (SMOD = 1)
3
1
1
0
Asynchronous
11 bits
Timer 1 Baud Rate Equation
3
1
1
1
Asynchronous with Multiprocessor Communication(3)
11 bits
Timer 1 Baud Rate Equation
(1) p
CLK will be equal to tCLK, except that pCLK will stop for Idle mode.
(2) RI_0 will only be activated when a valid STOP is received.
(3) RI_0 will not be activated if bit 9 = 0.
REN_0
Receive Enable. This bit enables/disables the serial Port 0 received shift register.
bit 4
0: Serial Port 0 reception disabled.
1: Serial Port 0 received enabled (modes 1, 2, and 3). Initiate synchronous reception (mode 0).
TB8_0
9th Transmission Bit State. This bit defines the state of the 9th transmission bit in serial Port 0 modes 2 and 3.
bit 3
RB8_0
9th Received Bit State. This bit identifies the state of the 9th reception bit of received data in serial Port 0 modes
bit 2
2 and 3. In serial port mode 1, when SM2_0 = 0, RB8_0 is the state of the stop bit. RB8_0 is not used in mode 0.
TI_0
Transmitter Interrupt Flag. This bit indicates that data in the serial Port 0 buffer has been completely shifted out. In serial
bit 1
port mode 0, TI_0 is set at the end of the 8th data bit. In all other modes, this bit is set at the end of the last data bit.
This bit must be manually cleared by software.
RI_0
Receiver Interrupt Flag. This bit indicates that a byte of data has been received in the serial Port 0 buffer. In serial
bit 0
port mode 0, RI_0 is set at the end of the 8th bit. In serial port mode 1, RI_0 is set after the last sample of the incoming
stop bit subject to the state of SM2_0. In modes 2 and 3, RI_0 is set after the last sample of RB8_0. This bit must
be manually cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com