Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 80 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 79Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 80Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 81Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 82Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 83Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
80
Phase Lock Loop High (PLLH)
7
6
5
4
3
2
1
0
Reset Value
SFR F5h
CLKSTAT2
CLKSTAT1
CLKSTAT0
PLLLOCK
0
0
PLL9
PLL8
xxh
CLKSTAT2−0
Active Clock Status (read-only). Derived from HCR2 setting; refer to Table 3.
bits 7−5
000: Reserved
001: Reserved
010: Reserved
011: External Clock Mode
100: PLL High-Frequency (HF) Mode (must read PLLLOCK to determine active clock status)
101: PLL Low-Frequency (LF) Mode (must read PLLLOCK to determine active clock status)
110: Internal Oscillator High-Frequency (HF) Mode
111: Internal Oscillator Low-Frequency (LF) Mode
PLLLOCK
PLL Lock Status and Status Enable.
bit 4
For Write (PLL Lock Status Enable):
0 = No Effect
1 = Enable PLL Lock Detection (must wait 20ms before PLLLOCK read status is valid).
For Read (PLL Lock Status):
0 = PLL Not Locked (PLL may be inactive; refer to Table 3 for active clock mode)
1 = PLL Locked (PLL is active clock).
PLL9−8
PLL Counter Value Most Significant 2 Bits (refer to PLLL, SFR F4h).
bits 1−0
Analog Clock (ACLK)
7
6
5
4
3
2
1
0
Reset Value
SFR F6h
0
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FREQ6−0
Clock Frequency − 1. This value + 1 divides the system clock to create the ADC clock.
bits 6−0
f
ACLK +
f
CLK
ACLK
) 1
, where f
CLK +
f
OSC
SYSCLK divider
.
f
MOD +
f
ACLK
64
ADC Data Rate
+ f
DATA +
f
MOD
Decimation Ratio
System Reset (SRST)
7
6
5
4
3
2
1
0
Reset Value
SFR F7h
0
0
0
0
0
0
0
RSTREQ
00h
RSTREQ
Reset Request. Setting this bit to ‘1’ and then clearing to ‘0’ will generate a system reset.
bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com