Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 56 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 52Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 54Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 55Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 56Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 57Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 58Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 59Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
56
Auxiliary Interrupt Enable (AIE)
7
6
5
4
3
2
1
0
Reset Value
SFR A6h
ESEC
ESUM
EADC
EMSEC
EI2C
ECNT
EALV
0
00h
Interrupts are enabled by EICON.4 (SFR D8h). The other interrupts are controlled by the IE and EIE registers.
ESEC
Enable Second System Timer Interrupt (lowest priority auxiliary interrupt).
bit 7
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Second Timer Interrupt mask.
ESUM
Enable Summation Interrupt.
bit 6
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Summation Interrupt mask.
EADC
Enable ADC Interrupt.
bit 5
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: ADC Interrupt mask.
EMSEC
Enable Millisecond System Timer Interrupt.
bit 4
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Millisecond System Timer Interrupt mask.
EI2C
Enable I2C Start/Stop Bit.
bit 3
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: I2C Start/Stop Bit mask.
ECNT
Enable Serial Bit Count Interrupt.
bit 2
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Serial Bit Count Interrupt mask.
EALV
Enable Analog Low Voltage Interrupt.
bit 1
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Analog Low Voltage Detect Interrupt mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com