Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 54Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 55Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 56Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 57Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 58Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 59Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 60Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
57
Auxiliary Interrupt Status (AISTAT)
7
6
5
4
3
2
1
0
Reset Value
SFR A7h
SEC
SUM
ADC
MSEC
I2C
CNT
ALVD
0
00h
SEC
Second System Timer Interrupt Status Flag (lowest priority AI).
bit 7
0: SEC interrupt cleared or masked.
1: SEC Interrupt active (it is cleared by reading SECINT, SFR F9h).
SUM
Summation Register Interrupt Status Flag.
bit 6
0: SUM interrupt cleared or masked.
1: SUM interrupt active (it is cleared by reading the lowest byte of SUMR0, SFR E2h).
ADC
ADC Interrupt Status Flag.
bit 5
0: ADC interrupt cleared or masked.
1: ADC interrupt active (it is cleared by reading the lowest byte of ADRESL, SFR D9h; if active, no new data will be
written to the ADC Results registers).
MSEC
Millisecond System Timer Interrupt Status Flag.
bit 4
0: MSEC interrupt cleared or masked.
1: MSEC interrupt active (it is cleared by reading MSINT, SFR FAh).
I2C
I2C Start/Stop Interrupt Status Flag.
bit 3
0: I2C start/stop interrupt cleared or masked.
1: I2C start/stop interrupt active (it is cleared by writing to I2CDATA, SFR 9Bh).
CNT
CNT Interrupt Status Flag.
bit 2
0: CNT Interrupt cleared or masked.
1: CNT Interrupt active (it is cleared by reading from or writing to SPIDATA/I2CDATA, SFR 9Bh).
ALVD
Analog Low Voltage Detect Interrupt Status Flag.
bit 1
0: ALVD Interrupt cleared or masked.
1: ALVD Interrupt active (cleared in hardware if AVDD exceeds ALVD threshold).
NOTE: If an interrupt is masked, the status can be read in AIPOL (SFR A4h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com