Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 41Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 42Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 43Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 44Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 45Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 46Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 47Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 48Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
45
Table 8. Special Function Register Cross Reference
SFR
ADDRESS
FUNCTIONS
CPU
INTERRUPTS
PORTS
SERIAL
COMM.
POWER
AND
CLOCKS
TIMER
COUNTERS
FLASH
MEMORY
ADC
DACS
SP
81h
Stack Pointer
X
DPL0
82h
Data Pointer Low 0
X
DPH0
83h
Data Pointer High 0
X
DPL1
84h
Data Pointer Low 1
X
DPH1
85h
Data Pointer High 1
X
DPS
86h
Data Pointer Select
X
PCON
87h
Power Control
X
TCON
88h
Timer/Counter Control
X
X
TMOD
89h
Timer Mode Control
X
X
TL0
8Ah
Timer0 LSB
X
TL1
8Bh
Timer1 LSB
X
TH0
8Ch
Timer0 MSB
X
TH1
8Dh
Timer1 MSB
X
CKCON
8Eh
Clock Control
X
X
X
MWS
8Fh
Memory Write Select
X
P1
90h
Port 1
X
EXIF
91h
External Interrupt Flag
X
CADDR
93h
Configuration Address
X
CDATA
94h
Configuration Data
X
SCON0
98h
Serial Port 0 Control
X
SBUF0
99h
Serial Data Buffer 0
X
SPICON
9Ah
SPI Control
X
I2CCON
9Ah
I2C Control
X
SPIDATA
9Bh
SPI Data
X
I2CDATA
9Bh
I2C Data
X
AIPOL
A4h
Auxiliary Interrupt Poll
X
X
X
X
X
PAI
A5h
Pending Auxiliary Interrupt
X
X
X
X
X
AIE
A6h
Auxiliary Interrupt Enable
X
X
X
X
X
AISTAT
A7h
Auxiliary Interrupt Status
X
X
X
X
X
IE
A8h
Interrupt Enable
X
P1DDRL
AEh
Port 1 Data Direction Low
X
P1DDRH
AFh
Port 1 Data Direction High
X
P3
B0h
Port 3
X
P3DDRL
B3h
Port 3 Data Direction Low
X
P3DDRH
B4h
Port 3 Data Direction High
X
IDAC
B5h
Current DAC
X
IP
B8h
Interrupt Priority
X
EWU
C6h
Enable Wake Up
X
X
SYSCLK
C7h
System Clock Divider
X
X
X
X
X
PSW
D0h
Program Status Word
X
OCL
D1h
ADC Offset Calibration Low Byte
X
OCM
D2h
ADC Offset Calibration Mid Byte
X
OCH
D3h
ADC Offset Calibration High Byte
X
GCL
D4h
ADC Gain Calibration Low Byte
X
GCM
D5h
ADC Gain Calibration Mid Byte
X
GCH
D6h
ADC Gain Calibration High Byte
X
ADMUX
D7h
ADC Input Multiplexer
X
EICON
D8h
Enable Interrupt Control
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com