Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 70 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 66Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 67Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 68Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 69Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 70Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 71Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 72Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 73Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
70
ADC Control 0 (ADCON0)
7
6
5
4
3
2
1
0
Reset Value
SFR DCh
—
BOD
EVREF
VREFH
EBUF
PGA2
PGA1
PGA0
30h
BOD
Burnout Detect. When enabled, this connects a positive current source to the positive channel and a negative
bit 6
current source to the negative channel. If the channel is open circuit, then the ADC results will be full-scale (buffer
must be enabled).
0 = Burnout Current Sources Off (default).
1 = Burnout Current Sources On.
EVREF
Enable Internal Voltage Reference. If an external voltage is used, the internal voltage reference should be disabled.
bit 5
0 = Internal Voltage Reference Off for external reference.
1 = Internal Voltage Reference On (default). Note that in this mode, REFIN− must be connected to AGND.
VREFH
Voltage Reference High Select. The internal voltage reference can be selected to be 2.5V or 1.25V.
bit 4
0 = REFOUT/REF IN+ is 1.25V.
1 = REFOUT/REF IN+ is 2.5V (default).
EBUF
Enable Buffer. Enables the input buffer to provide higher input impedance but limits the input voltage range and
bit 3
dissipates more power.
0 = Buffer disabled (default).
1 = Buffer enabled. Input signal limited to AVDD − 1.5V.
PGA2−0
Programmable Gain Amplifier. Sets the gain for the PGA from 1 to 128.
bits 2−0
PGA2
PGA1
PGA0
GAIN
0
0
0
1 (default)
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
16
1
0
1
32
1
1
0
64
1
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com