Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 59Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 60Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 61Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 62Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 63Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 64Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 65Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 66Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
63
Port 3 Data Direction High (P3DDRH)
7
6
5
4
3
2
1
0
Reset Value
SFR B4h
P37H
P37L
P36H
P36L
P35H
P35L
P34H
P34L
00h
P3.7
Port 3 bit 7 control.
bits 7−6
P37H
P37L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
NOTE: Port 3.7 also controlled by EA and Memory Access Control HCR1.1.
P3.6
Port 3 bit 6 control.
bits 5−4
P36H
P36L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
NOTE: Port 3.6 also controlled by EA and Memory Access Control HCR1.1.
P3.5
Port 3 bit 5 control.
bits 3−2
P35H
P35L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P3.4
Port 3 bit 4 control.
bits 1−0
P34H
P34L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com