Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 74 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 70Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 71Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 72Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 73Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 74Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
74
Summation 0 (SUMR0)
7
6
5
4
3
2
1
0
Reset Value
SFR E2h
LSB
00h
SUMR0
Summation 0. This is the least significant byte of the 32-bit summation register, or bits 0 to 7.
bits 7−0
Write: Will cause values in SUMR3−0 to be added to the summation register.
Read: Will clear the Summation Interrupt.
Summation 1 (SUMR1)
7
6
5
4
3
2
1
0
Reset Value
SFR E3h
00h
SUMR1
Summation 1. This is the most significant byte of the lowest 16 bits of the summation register, or bits 8−15.
bits 7−0
Summation 2 (SUMR2)
7
6
5
4
3
2
1
0
Reset Value
SFR E4h
00h
SUMR2
Summation 2. This is the most significant byte of the lowest 24 bits of the summation register, or bits 16−23.
bits 7−0
Summation 3 (SUMR3)
7
6
5
4
3
2
1
0
Reset Value
SFR E5h
MSB
00h
SUMR3
Summation 3. This is the most significant byte of the 32-bit summation register, or bits 24−31.
bits 7−0
Offset DAC (ODAC)
7
6
5
4
3
2
1
0
Reset Value
SFR E6h
00h
ODAC
Offset DAC. This register will shift the input by up to half of the ADC full-scale input range. The Offset DAC
bits 7−0
value is summed into the ADC prior to conversion. Writing 00h or 80h to ODAC turns off the Offset DAC. The offset
DAC should be cleared prior to calibration, since the offset DAC analog output is applied directly to the ADC input.
bit 7
Offset DAC Sign Bit.
0 = Positive
1 = Negative
bit 6−0
Offset
+
*V
REF
2
@ PGA @
ODAC [ 6 : 0]
127
@ (*1)
bit7
NOTE: ODAC cannot be used to offset the analog inputs so that the buffer can be used for signals within 50mV of AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com