Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 8Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 9Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 10Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 11Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 12Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 13Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 14Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 15Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
12
TYPICAL CHARACTERISTICS: MSC1200 AND MSC1201 ONLY (Continued)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, ADC Bipolar Mode, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified.
20
19
18
17
16
15
14
13
12
11
10
FAST SETTLING FILTER
EFFECTIVE NUMBER OF BITS vs DECIMATION RATIO
0
500
1000
Gain 1
Gain 16
Gain 128
1500
2000
1500
Decimation Value
EFFECTIVE NUMBER OF BITS vs f
MOD
(set with ACLK)
25
20
15
10
5
0
Data Rate (SPS)
1
10
100
1k
10k
100k
f
MOD = 15.6kHz
f
MOD = 62.5kHz
f
MOD = 203kHz
f
MOD = 110kHz
f
MOD = 31.25kHz
EFFECTIVE NUMBER OF BITS vs f
MOD (set with ACLK)
WITH FIXED DECIMATION
25
20
15
10
5
0
Data Rate (SPS)
10
100
1k
10k
100k
DEC = 2020
DEC = 255
DEC = 500
DEC = 50
DEC = 20
DEC = 10
4500
4000
3500
3000
2500
2000
1500
1000
500
0
HISTOGRAM OF ADC OUTPUT DATA
ppm of FS
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
NOISE vs INPUT SIGNAL
V
IN (V)
− 2.5
−1.5
0.5
−0.5
1.5
2.5
22.0
21.5
21.0
20.5
20.0
19.5
19.0
18.5
18.0
EFFECTIVE NUMBER OF BITS vs INPUT SIGNAL
(Internal and External V
REF)
V
IN (V)
− 2.5
− 1.5
0.5
−0.5
1.5
2.5
External
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com